Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 86 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 82Page - NXP Semiconductors K32L2AX Datasheet HTML 83Page - NXP Semiconductors K32L2AX Datasheet HTML 84Page - NXP Semiconductors K32L2AX Datasheet HTML 85Page - NXP Semiconductors K32L2AX Datasheet HTML 86Page - NXP Semiconductors K32L2AX Datasheet HTML 87Page - NXP Semiconductors K32L2AX Datasheet HTML 88Page - NXP Semiconductors K32L2AX Datasheet HTML 89Page - NXP Semiconductors K32L2AX Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
MCU
ADCx
C
R
Input signal
1
2
Figure 26. RC circuit for ADC input
High voltage measurement circuits require voltage division, current limiting, and
overvoltage protection as shown the following figure. The voltage divider formed by R1
– R4 must yield a voltage less than or equal to VREFH. Typically, VREFH is
connected to VDDA. The current must be limited to less than the negative injection
current limit. Since the ADC pins do not have diodes to VDD, external clamp diodes
must be included to protect against transient over-voltages.
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
MCU
ADCx
MCU
ADCx
MCU
RESET_b
MCU
NMI_b
MCU
RESET_b
Supervisor Chip
OUT
Active high,
open drain
RESET_b
SWD_DIO
SWD_CLK
Analog input
High voltage input
RESET_b
VDD
VDD
VDD
VDD
VDD
VDD
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
R
1
2
0.1uF
R5
1
2
Cx
0.1uF
RESONATOR
1
3
Cy
Cx
CRYSTAL
2
1
J1
HDR_5X2
1
2
3
4
6
5
7
8
9
10
Cy
10k
10k
R4
CRYSTAL
2
1
0.1uF
10k
CRYSTAL
2
1
R1
1
2
R3
1
2
C
RESONATOR
1
3
R2
1
2
10k
10k
RF
1
2
RS
BAT54SW
1
2
RS
RS
C
RF
1
2
RS
1
2
RF
1
2
CRYSTAL
2
1
Figure 27. High voltage measurement with an ADC input
9.1.4 Digital design
Ensure that all I/O pins cannot get pulled above VDD (Max I/O is VDD+0.3V).
CAUTION
Do not provide power to I/O pins prior to VDD, especially the
RESET_b pin.
• High drive pins
Design considerations
86
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com