Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 49 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 45Page - NXP Semiconductors K32L2AX Datasheet HTML 46Page - NXP Semiconductors K32L2AX Datasheet HTML 47Page - NXP Semiconductors K32L2AX Datasheet HTML 48Page - NXP Semiconductors K32L2AX Datasheet HTML 49Page - NXP Semiconductors K32L2AX Datasheet HTML 50Page - NXP Semiconductors K32L2AX Datasheet HTML 51Page - NXP Semiconductors K32L2AX Datasheet HTML 52Page - NXP Semiconductors K32L2AX Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
2. VDD = 3.3 V, VREGIN= 5V, TA = 25 °C, fOSC = 8 MHz (crystal), fSYS_CORE = 96 MHz, fBUS = 24 MHz
3. IEC/SAE level maximum: L≤24dB mV
7.2.7 Designing with radiated emissions in mind
To find application notes that provide guidance on designing your system to minimize
interference from radiated emissions:
1. Go to www.nxp.com.
2. Perform a keyword search for “EMC design.”
7.2.8 Capacitance attributes
Table 19. Capacitance attributes
Symbol
Description
Min.
Max.
Unit
CIN
Input capacitance
—
7
pF
7.3 Switching specifications
7.3.1 Device clock specifications
Table 20. Device clock specifications
Symbol
Description
Min.
Max.
Unit
Run mode1
Normal run mode
fSYS
System and core clock (DIVCORE_CLK)
—
96
MHz High speed run
mode
—
72
MHz Normal speed run
mode
—
8
MHz VLPR mode
fBUS
Bus clock/Slow clock (DIVSLOW_CLK)
—
24
MHz High speed run
mode and Normal
speed run mode
—
1
MHz VLPR mode
fFLASH
Flash clock
—
24
MHz High speed run
mode and Normal
speed run mode
—
1
MHz VLPR mode
fLLWU
LLWU clock
—
1
KHz
All modes
fRCM
RCM clock
—
1
KHz
All modes
Table continues on the next page...
General
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
49
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com