Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 133 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 129Page - STMicroelectronics STV82X8 Datasheet HTML 130Page - STMicroelectronics STV82X8 Datasheet HTML 131Page - STMicroelectronics STV82X8 Datasheet HTML 132Page - STMicroelectronics STV82X8 Datasheet HTML 133Page - STMicroelectronics STV82X8 Datasheet HTML 134Page - STMicroelectronics STV82X8 Datasheet HTML 135Page - STMicroelectronics STV82X8 Datasheet HTML 136Page - STMicroelectronics STV82X8 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 157 page
background image
133/157
STV82x8
Pin Descriptions
52
XTALIN_CLKXTP
I
Crystal Oscillator Input or Differential Input Positive
(Crystal Oscillator Input)
XTI
53
XTALOUT_CLKXTM
O
Crystal Oscillator Output or Differential Input Negative
(Crystal Oscillator Output)
XTO
54
VCC18_CLK1
AP
1.8V Power for Clock PLL Analog & Crystal Oscillator 1/2
(3.3V Power supply for Analog PLL Clock)
VDDP
55
GND18_CLK1
AP
Ground for Clock PLL Analog & Crystal Oscillator 1/2
GNDP
56
GND18_CLK2
AP
Ground for Clock PLL Digital 1/2
GND2
57
VCC18_CLK2
DP
1.8V Power for Clock PLL Digital 1/2
(3.3V Power supply for Digital core, DSPs & IO Cells)
VDD2
58
VSS33_IO2
DP
Ground for Digital IO
Connected to Ground
59
VDD33_IO2
DP
3.3V power for Digital IO
Not connected
60
I2S_PCM_CLK
I/O
I²S Master Clock Input/Output Channel 0, 1 & 2
Not connected
61
I2S_SCLK
I/O
I²S Serial Clock Input/Output Channel 0, 1& 2 (I²S bus
data output)
SDO
62
I2S_LR_CLK
I/O
I²S Word Select Input/Output Channel 0 , 1 & 2
(Stereo Detection output / I²S Bus Data input)
ST/SDI
63
I2S_DATA0
I/O
I²S Data Input/Output Stereo Channel 0
(I²S Bus Word Select output)
WS
64
I2S_DATA1
I
I²S Data Input Stereo Channel 1
(I²S Bus Clock output)
SCK
65
I2S_DATA2
I
I²S Data Input Stereo Channel 2
(Bus Expander Output 1)
BUS1
66
VDD18
DP
1.8V Power for Digital Core & I/O Cells Pin
Not connected
67
VSS18
DP
Ground for Digital Core & I/O Cells Pin
Connected to Ground
68
BUS_EXP
O
Bus Expander Function
(Bus Expander Output 2)
BUS0
69
IRQ
O
Interrupt Request to Microprocessor
IRQ
70
GND_PSUB
AP
Ground Substrate Connection
Connected to Ground
71
VDD18_ADC
DP
VDD 1.8V for ADC (Digital Part)
Not connected
72
VSS18_ADC
DP
Ground to Complement 1.8V VDD for ADC
Connected to Ground
73
SIF_P
A
Sound IF input
SIF
74
SIF_N
A
ADC VTOP Decoupling pin
VTOP
75
GNDPW_IF
AP
Polarization for the IF block
(Voltage Reference for AGC Decoupling pin)
VREFIF
76
VCC18_IF
AP
1.8V Power for IF AGC & ADC
VDDIF
77
GND18_IF
AP
Ground for IF AGC & ADC
GNDIF
78
MONO_IN
A
Mono Input (for AM Mono)
MONOIN
79
SC4_IN_L
A
SCART4 Audio Input Left
Not connected
Table 21: TQFP80 Pin Description (Sheet 3 of 4)
Pin
No.
STV82x8
Pin Name
Type
(STV82x8)
Function for STV82x8
(Function for STV82x6 in italic characters)
STV82x6
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com