Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 131Page - STMicroelectronics STV82X8 Datasheet HTML 132Page - STMicroelectronics STV82X8 Datasheet HTML 133Page - STMicroelectronics STV82X8 Datasheet HTML 134Page - STMicroelectronics STV82X8 Datasheet HTML 135Page - STMicroelectronics STV82X8 Datasheet HTML 136Page - STMicroelectronics STV82X8 Datasheet HTML 137Page - STMicroelectronics STV82X8 Datasheet HTML 138Page - STMicroelectronics STV82X8 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 157 page
background image
135/157
STV82x8
Pin Descriptions
22
NC
23
GND_SA
AP
Ground for DACs
24
NC
25
NC
26
VSS33_CONV
AP
Ground for DAC 1.8 to 3.3V Converters
27
VDD33_CONV
AP
3.3V Power for DAC 1.8 to 3.3V Converters
28
SC3_IN_L
A
SCART 3 Audio Input Left
29
SC3_IN_R
A
SCART 3 Audio Input Right
30
SCL_FLT
A
SCART Filtering Left
31
SCR_FLT
A
SCART Filtering Right
32
LS_C
A
Center Output
33
NC
34
LS_L
A
Left Loudspeaker Output
35
NC
36
LS_R
A
Right Loudspeaker Output
37
NC
38
LS_SUB
A
Subwoofer Output
39
NC
40
HP_LSS_L
A
Left Headphone Output or Left Surround Output
41
NC
42
HP_LSS_R
A
Right Headphone Output or Right Surround Output
43
NC
44
NC
45
VSS18_CONV
DP
Ground for Digital part of the DAC/ADC
46
VDD18_CONV
DP
1.8V Power for Digital part of the DAC/ADC
47
HP_DET
I
Headphone Detection
48
ADR_SEL
I
Hardware Address selection for I²C Bus
49
VSS18
DP
Ground for Digital part
50
VDD18
DP
1.8V Power for Digital part
51
SCL
OD
I²C Clock Input
52
SDA
OD
I²C Data I/O
53
RST_N
I
Main Reset Input
54
I2SD_DATA
I
I²S Data Delay Input Stereo Channel
55
I2SO_DATA1
O
I²S Data Output Stereo Channel O_1
Table 22: TQFP100 Pin Description (Sheet 2 of 4)
Pin
No.
STV82x8
Pin Name
Type
(STV82x8)
Function for STV82x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com