Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 136 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 132Page - STMicroelectronics STV82X8 Datasheet HTML 133Page - STMicroelectronics STV82X8 Datasheet HTML 134Page - STMicroelectronics STV82X8 Datasheet HTML 135Page - STMicroelectronics STV82X8 Datasheet HTML 136Page - STMicroelectronics STV82X8 Datasheet HTML 137Page - STMicroelectronics STV82X8 Datasheet HTML 138Page - STMicroelectronics STV82X8 Datasheet HTML 139Page - STMicroelectronics STV82X8 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 157 page
background image
Pin Descriptions
STV82x8
136/157
56
I2SO_LR_CLK
O
I²S Word Select Output Channel O_0 & O_1
57
I2SO_SCLK
O
I²S Serial Clock Output Channel O_0 & O_1
58
I2SO_DATAO
O
I²S Data Output Stereo Channel O_0
59
S/PDIF_IN
I
Serial Audio Data Input
60
S/PDIF_OUT
O
Serial Audio Data Output
61
VDD33_IO1
DP
3.3V power for Digital IO
62
VSS33_IO1
DP
Ground for Digital IO
63
CK_TST_CTRL
D
To be Grounded
64
VSS18
DP
Ground for Digital part
65
VDD18
DP
1.8V Power for Digital part
66
CLK_SEL
I
Clock Input Format Selection
67
XTALIN_CLKXTP
I
Crystal Oscillator Input or Differential Input Positive
68
XTALOUT_CLKXTM
O
Crystal Oscillator Output or Differential Input Negative
69
VCC18_CLK1
AP
1.8V Power for Clock PLL Analog & Crystal Oscillator 1/2
70
GND18_CLK1
AP
Ground for Clock PLL Analog & Crystal Oscillator 1/2
71
GND18_CLK2
AP
Ground for Clock PLL Digital 1/2
72
VCC18_CLK2
DP
1.8V Power for Clock PLL Digital 1/2
73
VSS33_IO2
DP
Ground for Digital IO
74
VDD33_IO2
DP
3.3V power for Digital IO
75
I2S_PCM_CLK
I/O
I²S Master Clock Input/Output Channel 0, 1 & 2
76
I2S_SCLK
I/O
I²S Serial Clock Input/Output Channel 0, 1 & 2
77
I2S_LR_CLK
I/O
I²S Word Select Input/Output Channel 0,1 & 2
78
I2S_DATA0
I/O
I²S Data Input/Output Stereo Channel 0
79
I2S_DATA1
I
I²S Data Input Stereo Channel 1
80
I2S_DATA2
I
I²S Data Input Stereo Channel 2
81
NC
82
I2SA_SCLK
I
I²S Serial Clock Input Channel Auxiliary
83
I2SA_LR_CLK
I²S Word Select Input Channel Auxiliary
84
I2SA_DATA
I²S Data Input Stereo Channel Auxiliary
85
VDD18
DP
1.8V Power for Digital Core & I/O Cells Pin
86
VSS18
DP
Ground for Digital Core & I/O Cells Pin
87
BUS_EXP
O
Bus Expander Function
88
IRQ
O
Interrupt Request to Microprocessor
89
GND_PSUB
AP
Ground Substrate Connection
Table 22: TQFP100 Pin Description (Sheet 3 of 4)
Pin
No.
STV82x8
Pin Name
Type
(STV82x8)
Function for STV82x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com