Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC8374L Datasheet HTML 1Page - National Semiconductor (TI) PC8374L Datasheet HTML 2Page - National Semiconductor (TI) PC8374L Datasheet HTML 3Page - National Semiconductor (TI) PC8374L Datasheet HTML 4Page - National Semiconductor (TI) PC8374L Datasheet HTML 5Page - National Semiconductor (TI) PC8374L Datasheet HTML 6Page - National Semiconductor (TI) PC8374L Datasheet HTML 7Page - National Semiconductor (TI) PC8374L Datasheet HTML 8Page - National Semiconductor (TI) PC8374L Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 239 page
background image
2
www.national.com
Revision 1.1
Features
System Health Support
■ SensorPath
interface
to
sensors
optimizes
digital/analog partitioning
— Simplifies board design and routing
— Supports distributed sensors and centralized control
— Health monitoring is self-contained and requires
minimal host attention
— Faster boot time
— Off loads SMBus, and enables ASF compliance
■ Fan Monitor and Control
— Three PWM-based fan controls
— Four 16-bit resolution tachometer inputs
— Software or local temperature feedback control
■ Heceta6-compatible register set accessible via the
LPC interface and SMBus
— Supports the following combinations of LMxx devices:
❏ LM96011 and optional LM95010
❏ LM96012
❏ LM96010
— Simultaneous read support via LPC interface and SMBus
Glue Functions
■ Generates the power-related signals:
— Main Power good
— Power distribution control (for switching between
Main and Standby regulators)
— Resume reset (Master Reset) according to the 5V
standby supply status
— Main power supply turn on (PS_ON)
■ Voltage translation between 2.5V or 3.3V levels (DDC) and
5V levels (VGA) for the SMBus serial clock and data signals
■ Isolation circuitry for the SMBus serial clock and data signals
■ Buffers PCI_RESET to generate two reset output signals
■ Buffers PCI_RESET to generate IDE reset output.
■ Generates “highest active supply” reference voltage
— Based on 3.3V and 5V Main supplies
— Based on 3.3V and 5V Standby supplies
■ High-current LED driver control for Hard Disk Drive
activity indication
■ Software selectable alternative functionality, through pin
multiplexing
General-Purpose I/O (GPIO) Ports
■ All 16 GPIO ports powered by VSB3
■ Each pin individually configured as input or output
■ Programmable features for each output pin:
— Drive type (open-drain, push-pull or TRI-STATE)
— TRI-STATE
on
detection
of
falling
VDD3 for
VSB3-powered pins driving VDD-supplied devices
■ Programmable option for internal pull-up resistor on each
input pin (some with internal pull-down resistor option)
■ Lock option for the configuration and data of each output pin
■ 15 GPIO ports generate IRQ/SIOPME for wake-up
events; each GPIO has separate:
— Enable control of event status routing to IRQ
— Enable control of event status routing to SIOPME (via SWC)
— Polarity and edge/level selection
❏ Programmable debouncing
Power Management
■ Supports ACPI Specification Revision 2.0b, July 27, 2000
■ System Wake-Up Control (SWC)
— Optional
routing
of
events
to
generate
SCI
(SIOPME) on detection of:
❏ Keyboard or Mouse events
❏ Ring Indication RI on each of the two serial ports
❏ General-Purpose Input Events from 15 GPIO pins
❏ IRQs of the Keyboard and Mouse Controller
❏ IRQs of the other internal modules
— Optional routing of the SCI (SIOPME) to generate
IRQ (SERIRQ)
— Implements the GPE1_BLK of the ACPI General Pur-
pose (Generic) Register blocks with “child” events
— VSB3-powered event detection and event-logic
configuration
■ Enhanced Power Management (PM), including:
— Special configuration registers for power down
— Low-leakage pins
— Low-power CMOS technology
— Ability to disable all modules
— High-current LED drivers control (two LEDs) for
power status indication with:
❏ Standard blinking, controlled by software
❏ Advanced blinking, controlled by power supply
status, sleep state or software
❏ Special blinking, controlled by power supply sta-
tus, sleep state and software bit
— VBAT-powered indication of the Main power supply
state before an AC power failure
■ Keyboard Events
— Wake-up on any key
— Supports programmable 8-byte sequence “Pass-
word” or “Special Keys” for Power Management
— Simultaneous recognition of three programmable
keys (sequences): “Power”, “Sleep” and “Resume”
— Wake-up on mouse movement and/or button click
Bus Interface
■ LPC Bus Interface
— Based on Intel’s LPC Interface Specification Revi-
sion 1.1, August 2002
— I/O, Memory and 8-bit Firmware Memory read and
write cycles
— Up to four 8-bit DMA channels
— Serial IRQ (SERIRQ)
— Supports registers memory and I/O mapping
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com