Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 82Page - National Semiconductor (TI) PC8374L Datasheet HTML 83Page - National Semiconductor (TI) PC8374L Datasheet HTML 84Page - National Semiconductor (TI) PC8374L Datasheet HTML 85Page - National Semiconductor (TI) PC8374L Datasheet HTML 86Page - National Semiconductor (TI) PC8374L Datasheet HTML 87Page - National Semiconductor (TI) PC8374L Datasheet HTML 88Page - National Semiconductor (TI) PC8374L Datasheet HTML 89Page - National Semiconductor (TI) PC8374L Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
www.national.com
86
Revision1.1
Health Management Events
Health Management events are generated by the Health Management module (HM). These events can create an internal
signal routed to the SWC module, to the HM_STS bit in the GPE1_STS_3 register (see Section 4.4.7 on page 103). A status
bit is updated only when the software writes 1 to it.
For the list of events and routing to SWC module (to the HM_STS bit), see “SCI and SMI Events Routing” in the “Events
Notification” section.
4.2.3
Sleep States
The PC8374L identifies the current system sleep state, by decoding the levels of the SLP_S3 and SLP_S5 pins. The levels
of these pins are generated by the system ACPI controller located in an external device. Table 34 shows the decoding of
the logic levels of the SLP_S3 and SLP_S5 pins.
4.2.4
SCI and IRQ Interrupts
The SCI (SIOPME) pin is the Power Management interrupt defined by ACPI.
All external and internal events are exclusively processed by the SWC to generate the Power Management interrupt, SCI.
Each active event sets a status bit in GPE1_STS_0 to GPE1_STS_3 registers (see Sections 4.4.4 to 4.4.7 on page 101).
For each status bit, the SWC holds an enable bit in GPE1_EN_0 to GPE1_EN_3 registers. A set status bit can set PME_STS
bit in GPE1_STS register (see Section 4.4.2 on page 100) only when its related enable bit is set. A set PME_STS bit can
cause the assertion of the SCI interrupt only when PME_EN bit in GPE1_EN register is set (see Section 4.4.3 on page 100).
The SCI interrupt is independent of the system sleep state.
The SIOPME signal can be inverted to generate an active high SCI interrupt. In addition, the output buffer of the SIOPME
pin can be configured as either push-pull or open-drain, to allow sharing with external SCI interrupt sources.
Figure 13 shows SCI generation.
Figure 13. SCI Generation
The SCI interrupt (SIOPME) is routed to the system interrupt (IRQ) by setting the Interrupt Number value, in the Interrupt
Number register, located at index 70h in the SWC Configuration (see Section 3.12.2 on page 70).
Table 34. SLP_S3, SLP_S5 Decoding
SLP_S3
SLP_S5
System Sleep State
1
1
S0, S1 or S2
01
S3
00
S5
1
0
Illegal combination
Enable
GPE1_STS_0-3
Status
Set
GPE1_EN_0-3
Detected Event
(SIOPME)
From Other
Enabled Events
SCI Interrupt
PME_EN
GPE1_STS
PME_STS
Set
GPE1_EN
IRQ
Routing
Control
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com