Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 78Page - National Semiconductor (TI) PC8374L Datasheet HTML 79Page - National Semiconductor (TI) PC8374L Datasheet HTML 80Page - National Semiconductor (TI) PC8374L Datasheet HTML 81Page - National Semiconductor (TI) PC8374L Datasheet HTML 82Page - National Semiconductor (TI) PC8374L Datasheet HTML 83Page - National Semiconductor (TI) PC8374L Datasheet HTML 84Page - National Semiconductor (TI) PC8374L Datasheet HTML 85Page - National Semiconductor (TI) PC8374L Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
www.national.com
82
Revision1.1
Figure 11. SWC Block Diagram
4.2 FUNCTIONAL DESCRIPTION
4.2.1
External Events
General-Purpose Input/Output Events
The PC8374L device supports 15 VSB3-powered General-Purpose Input/Output events through ports GPIOE00-07 and
GPIOE10-17 (excluding GPIO15). VDD3- and VSB3-powered signals can be connected to the GPIO pins to become sources
of external events. A VDD3-powered signal, when used to generate an event, is internally disabled for event generation while
VDD3 power is off. It is also disabled for event generation for tEWIV after VDD3 power is restored (see “Wake-Up Inputs at
VDD3 Power Switching” on page 236), which prevents the detection of false events during power transitions and while the
signal driver is not powered. For the same reasons, a VSB3-powered signal used to generate an event is enabled only tEWIV
after VSB3 power is on. (When VSB3 is off, the whole SWC module is disabled.)
Each GPIOE pin has both programmable polarity and an optional debouncer (see Figure 12). The debouncer is enabled
after the reset but can be disabled by software. The debouncing time is longer than 16 ms.
A GPIO event can generate the system interrupt (IRQ) if the event is both enabled and routed to IRQ. The status, event
enable and pending event routing bits to IRQ are implemented in the GPIO Port module (see Section 6.3 on page 113). The
status bit is set when an event of the programed type (edge or level) is detected.
A GPIO event can also generate the Power Management SCI interrupt (SIOPME). The status and event enable bits are im-
plemented in the SWC module (see Figures 12 and 13).
An active level-type event sets the status bit in registers GPE1_STS_0 for ports GPIOE07-00 and GPE1_STS_1 for ports
GPIOE17-10 (see Sections 4.4.4 and 4.4.5 on page 101). The status bit remains set even after the event becomes inactive.
The status bit is cleared only when the software writes 1 to the bit. If the event is still active when software writes 1, the status
bit remains set.
After changing the GPIOE1x pin multiplexing, clear the relevant bits in the GPE1_STS_1 register, to prevent false events
(caused by the pin multiplexing switch) from generating a wake-up event.
External
Events
SIOPME
SCI
Interrupt
Status
GRN_LED
YLW_LED
LED
Control
Debounce
and
Detection
Event
Status
22
Internal
Events
8
19
VDD3 Status
2
SPL_S3
SLP_S5
Keyboard
and Mouse
Detection
Event
Enable
SCI
Interrupt
Enable
(IRQ)
IRQ
Routing
Control
PWRGD_PS
Special
Management
VDD3, VSB3 Status
Power
SPL_S3
VBAT
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com