Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 71Page - National Semiconductor (TI) PC8374L Datasheet HTML 72Page - National Semiconductor (TI) PC8374L Datasheet HTML 73Page - National Semiconductor (TI) PC8374L Datasheet HTML 74Page - National Semiconductor (TI) PC8374L Datasheet HTML 75Page - National Semiconductor (TI) PC8374L Datasheet HTML 76Page - National Semiconductor (TI) PC8374L Datasheet HTML 77Page - National Semiconductor (TI) PC8374L Datasheet HTML 78Page - National Semiconductor (TI) PC8374L Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
75
www.national.com
3.14.3 GPIO Pin Select Register (GPSEL)
This register selects the GPIO pin (port number and bit number) to be configured (i.e., which register is accessed via the
GPIO pin configuration registers). GPSEL is reset to 00h.
Power Well: VSB3
Location:
Index F0h
Type:
R/W
3.14.4 GPIO Pin Configuration Register 1 (GPCFG1)
This register reflects, for both read and write, the register currently selected by the GPIO Pin Select register. All of the GPIO
pin configuration registers have a common bit structure, as shown below.
Power Well: VSB3
Location:
Index F1h
Type:
Varies per bit
Ports 0 to 1 (With Wake-Up Event Detection Capability)
Bit
76543210
Name
Reserved
PORTSEL
Reserved
PINSEL
Reset
00000000
Bit
Description
7
Reserved.
6-4
PORTSEL (Port Select). Selects the GPIO port to be configured:
Bits
6 5 4
Mode
0 0 0:
Port 0 (default)
0 0 1:
Port 1
010-111: Reserved
3
Reserved.
2-0
PINSEL (Pin Select). Selects the GPIO pin of the selected port to be configured:
Bits
2 1 0
Mode
0 0 0:
Pin 0 (default)
001-111: Binary value of pin numbers 1-7, respectively
Bit
76543210
Name
PDNCTL
EVDBNC
EVPOL
EVTYPE
LOCKCFP
PUPCTL
OUTTYPE
OUTENA
Reset
see Table 31
0000
see Table 31
00
Bit
Type
Description
7
R/W or
RO
PDNCTL (Pull-Down Control). Controls the internal pull-down resistor of the selected GPIO pin (see
Section 6.2 on page 111).
0: Disabled (for default value, see Table 31)
1: Enabled (for default value, see Table 31)
Undefined results when both the PDNCTL bit and the PUPCTL bit are set to 1.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com