Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 39Page - National Semiconductor (TI) PC8374L Datasheet HTML 40Page - National Semiconductor (TI) PC8374L Datasheet HTML 41Page - National Semiconductor (TI) PC8374L Datasheet HTML 42Page - National Semiconductor (TI) PC8374L Datasheet HTML 43Page - National Semiconductor (TI) PC8374L Datasheet HTML 44Page - National Semiconductor (TI) PC8374L Datasheet HTML 45Page - National Semiconductor (TI) PC8374L Datasheet HTML 46Page - National Semiconductor (TI) PC8374L Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
43
www.national.com
SuperI/O Configuration Registers
The PC8374L SuperI/O configuration registers at indexes 20h (SuperI/O ID) and 27h (SuperI/O Revision ID) are used for
part identification. The other configuration registers are used for global power management and selecting pin multiplexing
options. For details, see Section 3.7 on page 52.
Logical Device Control and Configuration Registers
A subset of these registers is implemented for each logical device. See the functional block descriptions in the following sec-
tions.
Control Registers
The only implemented control register for each logical device is the Activate register at index 30h. Bit 0 of the Activate
register controls the activation of the associated functional block. Activation enables access to the functional block’s runtime
registers and attaches its system resources, which are unassigned as long as it is not activated. Other effects may apply on
a function-specific basis (such as clock enable and active pinout signaling). Access to the configuration register of the logical
device is enabled even when the logical device is not activated.
Standard Configuration Registers
The standard configuration registers manage the PnP resource allocation to the functional blocks. The I/O port base address
descriptor 0 is a pair of registers at Index 60
−61h that hold the first 16-bit base address for the register set of the functional
block. An optional 16-bit second base-address (descriptor 1) at index 62
−63h is used for logical devices with more than one
continuous register set. Interrupt Number and Wake-Up on IRQ Enable (index 70h) and IRQ Type Select (index 71h) allocate
an IRQ line to the block and control its type. DMA Channel Select 0 (index 74h) allocates a DMA channel to the block, where
applicable. DMA Channel Select 1 (index 75h) allocates a second DMA channel, where applicable.
Vendor-Defined Logical Device Configuration Register
The vendor-defined logical device registers start at index F0h and control function-specific parameters such as operation
modes, power saving modes, pin TRI-STATE, clock rate selection and non-standard extensions to generic functions.
3.2.5
Default Configuration Setup
The default configuration setup of the PC8374L device is determined by the four reset types described in Section 2.2 on
page 34. See the specific register descriptions for the bits affected by each reset source.
In the event of a VSB3 Power-Up reset, the following default configuration is set up:
• All lock bits in the configuration registers are reset (the protected bits are unlocked).
• All the unlocked bits in the configuration registers powered by the V
SB3 plane are reset to their default values.
In the event of a VDD3 Power-Up (also induced by VSB3 Power-Up reset) or Hardware reset, the PC8374L device wakes up
with the following default configuration setup:
• The configuration base address is 2Eh or 4Eh, according to the BADDR strap pin value, as shown in Table 8 on page 38.
• All lock bits in the configuration registers are reset (the protected bits are unlocked).
• All the actions performed by the Software reset are executed.
If a Software reset occurs, the PC8374L device wakes up with the following default configuration setup:
• All the unlocked bits in the configuration registers powered by the V
DD3 plane are reset to their default values.
• All logical devices are disabled (the Activation bit is reset) and the V
SB3-powered logical devices (GPIO, SWC, and
Health Management) remain functional but their registers cannot be accessed by the host.
• Standard configuration registers of all logical devices are set to their default values.
• National Semiconductor proprietary functions are not assigned with any default resources, and the default values of their
base addresses are all 00h.
• All Legacy devices (Serial Ports, InfraRed Port, Parallel Port, Floppy Disk Controller, and Keyboard and Mouse Control-
ler) are reset. Default values are loaded into the Legacy module runtime registers.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com