Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 74Page - National Semiconductor (TI) PC8374L Datasheet HTML 75Page - National Semiconductor (TI) PC8374L Datasheet HTML 76Page - National Semiconductor (TI) PC8374L Datasheet HTML 77Page - National Semiconductor (TI) PC8374L Datasheet HTML 78Page - National Semiconductor (TI) PC8374L Datasheet HTML 79Page - National Semiconductor (TI) PC8374L Datasheet HTML 80Page - National Semiconductor (TI) PC8374L Datasheet HTML 81Page - National Semiconductor (TI) PC8374L Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
78
Revision1.1
3.14.7 GPIO Mode Select Register (GPMODE)
This register controls the operation mode of the GPIO runtime registers (see Section 6.1 on page 110). GPMODE is reset
to 01h. It also enables routing of GPIOE16 input to GPIOE11 (or GPO11) output.
Power Well: VSB3
Location:
Index F8h
Type:
R/W or RO
Bit
76543210
Name
GPIN2GPO
Reserved
SEPDIO
Reset
00000001
Bit
Description
7
GPIN2GPO. Route GPIOE16 input pin to GPIOE11 (or GPO11) output pin.
0: Routing disabled (default)
1: Routing enabled
6-1
Reserved.
0
SEPDIO (Separate Data I/O Select). Selects the operation mode of the GPIO runtime registers by controlling
the GPDO, GPEVEN and GPEVST runtime registers to read-only.
0: Common Data I/O mode (GPDO, GPEVEN and GPEVST registers are read-only, and data written to them is
ignored)
1: Separate Data I/O mode (default)
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com