Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 55Page - National Semiconductor (TI) PC8374L Datasheet HTML 56Page - National Semiconductor (TI) PC8374L Datasheet HTML 57Page - National Semiconductor (TI) PC8374L Datasheet HTML 58Page - National Semiconductor (TI) PC8374L Datasheet HTML 59Page - National Semiconductor (TI) PC8374L Datasheet HTML 60Page - National Semiconductor (TI) PC8374L Datasheet HTML 61Page - National Semiconductor (TI) PC8374L Datasheet HTML 62Page - National Semiconductor (TI) PC8374L Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
59
www.national.com
3.7.11 Clock Generator Control Register (CLOCKCF)
Power Well: Varies per bit
Location:
Index 29h
Type:
Varies per bit
3.7.12 Health Management SMBus Configuration (HMSMBCF) Register
This register may be written only once. All eight bits must be updated in a single write operation, after which the data in the
register becomes read-only. The register is reset only by VSB Power-Up reset following battery loss. The write lock is re-
leased on any VSB Power-Up reset.
Power Well:
Location:
Index 2Ah
Type:
R/W or RO
Bit
76
5
43210
Name
LOCK
Reserved
CKVALID
Reserved
Reset
0
0
0
00001
Power Well
VSB3
VSB3
VSB3
VSB3
VSB3
VSB3
VSB3
VBAT
1
1. See Sections 2.1 and 2.2
Bit
Type
Description
7
R/W1S LOCK (Lock Enable). When set to 1, locks the configuration register CLOCKCF by disabling writing to
all its bits (including to the LOCK bit itself). Once set, this bit can be cleared by Hardware reset.
0: The R/W bits are enabled for write (default)
1: All the bits are RO
6-5
Reserved.
4RO
CKVALID (Valid Clock Generator, Clock Status). Indicates the status of the on-chip Clock Generator
and controls the generator output clock signal. The PC8374L modules residing on the 48 MHz clock
domain may be enabled (see Section 3.3.1 on page 48) only after this bit is read high (generator clock
is valid).
0: On first VDD3 power-up (after VSB3 power-up): Generator output clock frozen (default);
On any other VDD3 power-up: only 48 MHz clock domain frozen (default).
1: All generator output clocks active (stable and toggling).
3-0
Reserved.
0
Reserved. Must be written with 1.
Bit
76
5
43210
Name
Reserved
HM_SMBSADD
Reset
0
0
1
01110
Bit
Description
7
Reserved.
6-0
HM_SMBSADD (Health Management SMBus Slave Address). Defines the slave address on the HM SMBus
for the PC8374L. This address, once programmed by the host, is preserved as long as the V power is active.
The 7-bit slave address is used to access the Health Management module of the PC8374L. A non-zero value
read from this field indicates that HM_SMBSADD contains a valid slave address. Section 8.4.1 on page 142
VBAT (See Sections 2.1 and 2.2)
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com