Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 88Page - National Semiconductor (TI) PC8374L Datasheet HTML 89Page - National Semiconductor (TI) PC8374L Datasheet HTML 90Page - National Semiconductor (TI) PC8374L Datasheet HTML 91Page - National Semiconductor (TI) PC8374L Datasheet HTML 92Page - National Semiconductor (TI) PC8374L Datasheet HTML 93Page - National Semiconductor (TI) PC8374L Datasheet HTML 94Page - National Semiconductor (TI) PC8374L Datasheet HTML 95Page - National Semiconductor (TI) PC8374L Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
www.national.com
92
Revision1.1
4.3.3
SWC Miscellaneous Control Register (SWC_CTL)
This register contains control and status bits for the SWC module. Its reset value depends on the power well of each bit.
Power Well: Varies per bit
Location:
Offset 01h
Type:
Varies per bit
Bit
76
5
43210
Name
LOCKSCF
Reserved
GOOD_
BAT
Reserved
LAST_PWR
_STATE
LED_OPT
Reset
0
0
0
0
0
0
10
Power Well
VSB3
VBAT
VBAT
VBAT
Bit
Type
Description
7
R/W1S LOCKSCF (Lock SWC Configuration). When set to 1, locks the BLINK and GRN_YLW bits in
SLEDCTL register, and all bits of SWC_CTL, ALEDCTL, LEDBLNK, XLEDCTL, KBDWKCTL, PS2CTL
and PS2KEY0
−7 registers by disabling writing to them (including to the LOCKSCF bit itself). Once set,
this bit can be cleared by Hardware reset.
0: R/W bits are enabled for write (default)
1: All bits are RO
6
Reserved.
5RO
GOOD_BAT (Battery Good Status). Indicates the status of the VBAT backup power. The bit is
powered by the VBAT backup supply and its value is:
● Reset at any time, if V
BAT <VBATLOW
● Set when either V
DD3 or VSB3 power supply falls below the minimum limit, if VBAT >VBATLOW
When the bit is ‘0’, the value of the LAST_PWR_STATE bit is incorrect and must be ignored.
0: Backup battery low, or not connected (VBAT < VBATLOW)
1: Backup battery good (VBAT > VBATLOW)
4-3
Reserved.
2RO
LAST_PWR_STATE (Last Power State). Samples the value of the SLP_S3 signal when a power
failure occurs. It is powered by the VBAT backup supply, thus preserving its value during a Power Fail
condition (see Section 2.1.2 on page 32). After the AC power returns, reading from this bit returns the
value of the SLP_S3 signal at the time the power failure occurred. The value of this bit must be ignored
when GOOD_BAT bit is 0. Writing to this bit is ignored. At VBAT Power-Up reset, LAST_PWR_STATE
bit is reset to 0.
0: Orderly system shutdown - Main power off by S3 or S5 sleep states (default)
1: Forced system shutdown - Main power off by Mechanical off (G2 state) or by AC power failure
1-0
R/W or
RO
LED_OPT (LED Control Option Select). Selects the Advanced, Standard or Special LED control
option for the two power LEDs (yellow and green).
Bits
1 0
LED Control Option
0
0:
Advanced:
LEDs controlled by the ALEDCTL and LEDBLNK registers at offsets 02h and
03h,
respectively
0
1:
Standard:
LEDs controlled by SLEDCTL register at offset 00h
1
0:
Special:
LEDs controlled by XLEDCTL register at offset 02h (default)
1
1:
Reserved
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com