Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 44Page - National Semiconductor (TI) PC8374L Datasheet HTML 45Page - National Semiconductor (TI) PC8374L Datasheet HTML 46Page - National Semiconductor (TI) PC8374L Datasheet HTML 47Page - National Semiconductor (TI) PC8374L Datasheet HTML 48Page - National Semiconductor (TI) PC8374L Datasheet HTML 49Page - National Semiconductor (TI) PC8374L Datasheet HTML 50Page - National Semiconductor (TI) PC8374L Datasheet HTML 51Page - National Semiconductor (TI) PC8374L Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
48
Revision1.1
3.3 MODULE CONTROL
Module control is performed primarily through the Activation bit (bit 0 of index 30h) of each logical device.
3.3.1
Module Enable/Disable
Module control is performed primarily through the Activation bit (bit 0 of index 30h) of each logical device. The operation of
each module can be controlled by the host.
Module enable/disable by the host through the LPC bus is controlled by the following bits:
● Activation bit (bit 0) in index 30h of the Standard configuration registers (see Section 3.2.3 on page 39)
● Fast Disable bit in SIOCF6 register; for the FDC, Parallel Port and Serial Port (1 and 2) / InfraRed Port modules only
(see Section 3.7.9 on page 57)
● Global Enable bit (GLOBEN) in SIOCF1 register (see Section 3.7.5 on page 54)
A module is enabled only if all of these bits are set to their “enable” value.
When a module is disabled, the following takes place:
● The host system resources of the logical device (IRQ, DMA and runtime address range) are unassigned.
● Access to the standard- and device-specific Logical Device configuration registers through the LPC bus remains enabled.
● Access to the module’s runtime registers through the LPC bus is disabled (transactions are ignored; SYNC cycle is
not generated).
Note that disabling a VDD3-powered module (FDC, Parallel Port, Serial Ports, InfraRed Port, KBC) stops the module’s inter-
nal clock to lower the power consumption; as a result, the module is not functional. VSB-powered modules remain functional.
3.3.2
Floating Module Output
The pins of the Legacy modules (Serial Ports, Parallel Port, Floppy Disk Controller, Keyboard and Mouse Controller) can be
floated. When the TRI-STATE Control bit (bit 0) is set in the specific module configuration register (at index F0h of the specific
Logical Device in the configuration space) and the module is disabled (see Section 3.3.1), the module output signals are floated
and the I/O signals are configured as inputs (note that the logic level at the inputs is ignored by the module, which is disabled).
Figure 9 shows the control mechanism for floating the pins of a Legacy module.
Figure 9. Control of Floating Legacy Module Pins
Fast
Disable
xxxDIS1
Register
SIOCF6
TRI-
STATE
Control
Register
Configuration
Global
Enable
GLOBEN
Register
SIOCF1
Activation
Bit (bit 0)
Register
Index 30h
Device Configuration
Legacy Module
Module
Enable
Module
(Index F0h)
Legacy
Enable
Output
Buffer
1. Wherever the bit is implemented
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com