Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 34Page - National Semiconductor (TI) PC8374L Datasheet HTML 35Page - National Semiconductor (TI) PC8374L Datasheet HTML 36Page - National Semiconductor (TI) PC8374L Datasheet HTML 37Page - National Semiconductor (TI) PC8374L Datasheet HTML 38Page - National Semiconductor (TI) PC8374L Datasheet HTML 39Page - National Semiconductor (TI) PC8374L Datasheet HTML 40Page - National Semiconductor (TI) PC8374L Datasheet HTML 41Page - National Semiconductor (TI) PC8374L Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 239 page
background image
www.national.com
38
Revision1.1
3.0
Device Architecture and Configuration
The PC8374L SuperI/O device includes a collection of legacy and proprietary functional blocks. Each functional block is de-
scribed in a separate chapter. This chapter describes the structure of the PC8374L SuperI/O device and provides all logical
device specific information, including specific implementation of generic blocks, system interface and device configuration.
3.1 OVERVIEW
The PC8374L SuperI/O consists of the following: nine logical devices, the host interface, the Glue Functions and a central
set of configuration registers.
The host, via the LPC Bus interface, can access the modules. This interface supports I/O Read/Write, Memory Read/Write,
8-bit Memory Firmware Read/Write, and 8-bit DMA transactions of the LPC bus (see Section 5.2 on page 109).
The central configuration register set is ACPI compliant and supports PnP configuration. The configuration registers are struc-
tured as a subset of the Plug and Play Standard registers, defined in Appendix A of the Plug and Play ISA Specification, Re-
vision 1.0a by Intel® and Microsoft®. All system resources assigned to the functional blocks (Memory address space, I/O
address space, IRQ numbers and DMA channels) are configured in and managed by the central configuration register set. In
addition, some function-specific parameters are configurable through the configuration registers and distributed to the function-
al blocks through special control signals.
3.2 CONFIGURATION STRUCTURE AND ACCESS
The configuration structure is based on a set of banked registers that are accessed via a pair of specialized registers.
3.2.1
The Index-Data Register Pair
Access to the PC8374L configuration registers is via an Index-Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined during reset according to the state of the hardware strapping option on
the BADDR pin. Table 8 shows the selected base addresses as a function of BADDR.
The Index register is an 8-bit read/write register located at the selected base address (Base+0). It is used as a pointer to the
configuration register file and holds the index of the configuration register that is currently accessible via the Data register.
Reading the Index register returns the last value written to it (or the default of 00h after reset).
The Data register is an 8-bit register (Base+1) used as a data path to any configuration register. Accessing the Data register
actually accesses the configuration register that is currently pointed to by the Index register.
3.2.2
Banked Logical Device Registers Structure
Each functional block is associated with a Logical Device Number (LDN). The configuration registers are grouped into banks,
where each bank holds the standard configuration registers of the corresponding logical device. Table 9 shows the LDN
values of the PC8374L functional blocks. Any value not listed is reserved.
Figure 4 shows the structure of the standard configuration register file. The LDN and PC8374L configuration registers are
not banked and are accessed by the Index-Data register pair only, as described above. However, the device control and
device configuration registers are duplicated over nine banks, corresponding to the nine logical devices. Therefore, access-
ing a specific register in a specific bank is performed by two-dimensional indexing, where the LDN register selects the bank
(or logical device) and the Index register selects the register within the bank. Accessing the Data register while the Index
register holds a value of 30h or higher actually accesses the configuration registers of the logical device selected by the LDN
register and pointed to by the Index register.
Table 8. BADDR Strapping Options
BADDR
I/O Address
Index Register
Data Register
1 (default)
2Eh
2Fh
0
4Eh
4Fh
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com