Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC8374L Datasheet HTML 1Page - National Semiconductor (TI) PC8374L Datasheet HTML 2Page - National Semiconductor (TI) PC8374L Datasheet HTML 3Page - National Semiconductor (TI) PC8374L Datasheet HTML 4Page - National Semiconductor (TI) PC8374L Datasheet HTML 5Page - National Semiconductor (TI) PC8374L Datasheet HTML 6Page - National Semiconductor (TI) PC8374L Datasheet HTML 7Page - National Semiconductor (TI) PC8374L Datasheet HTML 8Page - National Semiconductor (TI) PC8374L Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 239 page
background image
www.national.com
Preliminary
May 2004
Revision 1.1
PC8374L
SensorPathTM SuperI/O with Glue Functions
General Description
The National Semiconductor PC8374L Advanced I/O prod-
uct is a member of the PC837x SuperI/O family. All PC837x
devices are highly integrated and are pin and software com-
patible,
thus
providing
drop-in
interchangeability
and
enabling a variety of assembly options using only a single
motherboard and BIOS.
PC8374L integration allows for a smaller system board size and
saves on total system cost.
The PC8374L includes legacy SuperI/O functions, system
glue functions, health monitoring and control, commonly
used functions such as GPIO, and ACPI-compliant Power
Management support.
The PC8374L integrates miscellaneous analog and digital
system glue functions to reduce the number of discrete
components required. The host communicates with the
functions integrated in the PC8374L device through an LPC
Bus Interface.
The PC8374L extended wake-up support complements the
ACPI controller in the chipset. The System Wake-Up Control
(SWC) module, powered by VSB3, supports a flexible wake-
up mechanism.
The PC8374L supports both I/O and memory mapping of
module registers and enables building legacy-free systems.
Outstanding Features
■ SensorPathinterface to LMxx sensor devices for system
health support
■ Fan monitor and control
■ Heceta6-compatible register set, accessible via the LPC
interface and SMBus
■ Glue functions to complement the South Bridge func-
tionality
■ VSB3-powered Power Management with 19 wake-up
sources
■ Controls three LED indicators
■ 16 GPIO ports with a variety of wake-up options
■ I/O-mapped and memory-mapped registers
■ Legacy modules: Parallel Port, Floppy Disk Controller
(FDC), two Serial Ports, Slow InfraRed Port and a Key-
board and Mouse Controller (KBC)
■ LPC interface, based on Intel’s LPC Interface Specifica-
tion Revision 1.1, August 2002
■ PC01 Revision 1.0 and Advanced Configuration and
Power Interface (ACPI) Specification Revision 2.0 compliant
■ 128-pin PQFP package
Block Diagram
LMxx Sensors
SensorPathTM I/F
Drv
Drv
LPC Bus
South Bridge
Serial Interfaces
Parallel Port Interfaces
Floppy Drive Interface
PS/2 Interfaces
KBC Ports
Infrared Interface
GPIO Ports
PC8374L
Drv
Tacho
PWM
LEDs
Power
Supply
Reset
Logic
Power Management
VBAT
SMBus I/F
System
BIOS
National Semiconductor and TRI-STATEare registered trademarks of National Semiconductor Corporation.
SensorPathis a trademark of National Semiconductor Corporation.
All other brand or product names are trademarks or registered trademarks of their respective holders.
© 2004 National Semiconductor Corporation
Winbond Electronics Corp. Advanced PC Product Center


Similar Part No. - PC8374L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC8374T NSC-PC8374T Datasheet
655Kb / 48P
SafeKeeper Desktop Trustedl/O
More results

Similar Description - PC8374L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
ACPI 1.0 and PC98/99 Compliant SuperI/O
logo
Sanyo Semicon Device
LC73750 SANYO-LC73750 Datasheet
485Kb / 23P
Serial I/O Dialler with Keyboard Input Functions
logo
National Semiconductor ...
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
128-Pin LPC SuperI/O with System Hardware Monitoring
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
LPC SuperI/O with Glue Functions
PC87427 NSC-PC87427 Datasheet
757Kb / 46P
ServerI/O with SensorPathTM Health Monitoring
logo
SMSC Corporation
LPC47M172 SMSC-LPC47M172 Datasheet
1Mb / 227P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
logo
National Semiconductor ...
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
LPC SuperI/O with Glue Functions
logo
SMSC Corporation
LPC47M182 SMSC-LPC47M182 Datasheet
1Mb / 223P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
LPC47M172 SMSC-LPC47M172_07 Datasheet
1Mb / 226P
Advanced I/O Controller with Motherboard GLUE Logic
LPC47M182 SMSC-LPC47M182_07 Datasheet
95Kb / 5P
Advanced I/O Controller with Motherboard GLUE Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com