Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 64Page - National Semiconductor (TI) PC8374L Datasheet HTML 65Page - National Semiconductor (TI) PC8374L Datasheet HTML 66Page - National Semiconductor (TI) PC8374L Datasheet HTML 67Page - National Semiconductor (TI) PC8374L Datasheet HTML 68Page - National Semiconductor (TI) PC8374L Datasheet HTML 69Page - National Semiconductor (TI) PC8374L Datasheet HTML 70Page - National Semiconductor (TI) PC8374L Datasheet HTML 71Page - National Semiconductor (TI) PC8374L Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
68
Revision1.1
3.11 SERIAL PORT 1 CONFIGURATION
3.11.1 General Description
Serial Port 1 provides UART functionality by supporting serial data communication with a remote peripheral device or a mo-
dem. The functional blocks can function as a standard 16450 or 16550 or as an Extended UART.
Serial Port 1 includes four register banks, each containing eight runtime registers, as shown in Section 9.3 on page 196. All
registers are VDD3 powered.
3.11.2 Logical Device 3 (SP1) Configuration
Table 25 lists the configuration registers that affect Serial Port 1. Only the last register (F0h) is described here. See
Section 3.2.3 on page 39 for descriptions of the other configuration registers. All of these registers are VDD3 powered.
Table 25. Serial Port 1 Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h Activate (see Section 3.3.1 on page 48).
R/W
VDD3
00h
60h Base Address MSB register. Bits 7-3 (for A15-11) are read-only, ‘00000’.
R/W
VDD3
03h
61h Base Address LSB register. Bits 2-0 (for A2-0) are read-only, ‘000’.
R/W
VDD3
F8h
70h Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD3
04h
71h Interrupt Type. Bit 1 is R/W; other bits are read-only.
R/W
VDD3
03h
74h Report no DMA Assignment.
RO
VDD3
04h
75h Report no DMA Assignment.
RO
VDD3
04h
F0h Serial Port 1 Configuration register.
R/W
VDD3
02h
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com