Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 49Page - National Semiconductor (TI) PC8374L Datasheet HTML 50Page - National Semiconductor (TI) PC8374L Datasheet HTML 51Page - National Semiconductor (TI) PC8374L Datasheet HTML 52Page - National Semiconductor (TI) PC8374L Datasheet HTML 53Page - National Semiconductor (TI) PC8374L Datasheet HTML 54Page - National Semiconductor (TI) PC8374L Datasheet HTML 55Page - National Semiconductor (TI) PC8374L Datasheet HTML 56Page - National Semiconductor (TI) PC8374L Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
53
www.national.com
3.7.2
Memory Base Address Register 1 (MEMADR1)
Power Well: VDD3
Location:
Index 12h
Type:
R/W or RO
3.7.3
Memory Base Address Register 2 (MEMADR2)
Power Well: VDD3
Location:
Index 13h
Type:
R/W or RO
3.7.4
SuperI/O ID Register (SID)
This register contains the identity number of the device family. The PC8374L family is identified by the value F1.
Power Well: VSB3
Location:
Index 20h
Type:
RO
Bit
76543210
Name
Memory Base Address 1
Reset
00
Bit
Description
7-0
Memory Base Address 1. This register indicates selected Memory Base address bits 23-16.
Bit
76543210
Name
TYPESEL
MEMFWHID
Memory Base Address 2
Reset
00000000
Bit
Description
7
TYPESEL (Transaction Type Select). Selects the transaction type decoded for memory addresses. For
address decoding of the Memory Base address, bit 31 value is 1 regardless of TYPESEL value, thus limiting
the Memory Base Address to high 2G memory space.
0: Transactions type is LPC Memory Read/Write (default)
1: Transactions type is LPC FWH Memory Read/Write
6-3
MEMFWHID (Memory FWH ID).
• When TYPESEL is 0: Indicates selected Memory Base address bits 30-27.
• When TYPESEL is 1: indicates the IDSEL of the Firmware Memory transactions to which the PC8374L re-
sponds. The least significant bit of this field is also used as Memory Base address bit 27.
2-0
Memory Base Address 2. Indicates selected Memory Base address bits 26-24.
Bit
76543210
Name
Family ID
Reset
F1
Bit
Description
7
−0 Family ID. Identifies a family of devices with similar functionality but with different implemented options.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com