Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 86Page - National Semiconductor (TI) PC8374L Datasheet HTML 87Page - National Semiconductor (TI) PC8374L Datasheet HTML 88Page - National Semiconductor (TI) PC8374L Datasheet HTML 89Page - National Semiconductor (TI) PC8374L Datasheet HTML 90Page - National Semiconductor (TI) PC8374L Datasheet HTML 91Page - National Semiconductor (TI) PC8374L Datasheet HTML 92Page - National Semiconductor (TI) PC8374L Datasheet HTML 93Page - National Semiconductor (TI) PC8374L Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
www.national.com
90
Revision1.1
4.3 SWC REGISTERS
The offsets of the SWC registers are related to the base address determined by the SWC Base Address register at indexes
60h-61h in the SWC Logical Device configuration.
The following abbreviations are used to indicate the Register Type:
● R/W
= Read/Write.
● R
= Read from register (data written to this address is sent to a different register).
● W
= Write (see above).
● RO
= Read-only.
● WO
= Write-only. Reading from the bit returns 0.
● R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
● R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
4.3.1
SWC Register Map
The following table lists the SWC registers. For the SWC register bitmap, see Section 4.5 on page 107. The SWC registers
are VSB3 powered.
Table 36. SWC Register Map
Offset
Option1
1. Selected by LED_OPT field in SWC_CTL register.
Mnemonic
Register Name
Type
Power Well
Section
00h
LED_OPT = 01
SLEDCTL
Standard LED Control
R/W or RO
VSB3
4.3.2
LED_OPT = other Reserved
01h
SWC_CTL
SWC Miscellaneous Control
Varies per bit Varies per bit
4.3.3
02h
LED_OPT = 00
ALEDCTL
Advanced LED Control
R/W or RO
VSB3
4.3.4
LED_OPT = 10
XLEDCTL
Special LED Control
R/W or RO
VDD3
4.3.5
LED_OPT = other Reserved
03h
LED_OPT = 00
LEDBLNK
LED Blinking Control
R/W or RO
VSB3
4.3.6
LED_OPT = other Reserved
04h
KBDWKCTL
Keyboard Wake-Up Control
R/W or RO
VSB3
4.3.7
05h
PS2CTL
PS2 Protocol Control
R/W or RO
VSB3
4.3.8
06h
KDSR
Keyboard Data Shift-Register
RO
VSB3
4.3.9
07h
MDSR
Mouse Data Shift-Register
RO
VSB3
4.3.10
08h
PS2KEY0
PS2 Keyboard Key Data 0
R/W, RO
VSB3
4.3.11
09h
PS2KEY1
PS2 Keyboard Key Data 1
R/W, RO
VSB3
4.3.11
0Ah
PS2KEY2
PS2 Keyboard Key Data 2
R/W, RO
VSB3
4.3.11
0Bh
PS2KEY3
PS2 Keyboard Key Data 3
R/W, RO
VSB3
4.3.11
0Ch
PS2KEY4
PS2 Keyboard Key Data 4
R/W, RO
VSB3
4.3.11
0Dh
PS2KEY5
PS2 Keyboard Key Data 5
R/W, RO
VSB3
4.3.11
0Eh
PS2KEY6
PS2 Keyboard Key Data 6
R/W, RO
VSB3
4.3.11
0Fh
PS2KEY7
PS2 Keyboard Key Data 7
R/W, RO
VSB3
4.3.11
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com