Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 18Page - National Semiconductor (TI) PC8374L Datasheet HTML 19Page - National Semiconductor (TI) PC8374L Datasheet HTML 20Page - National Semiconductor (TI) PC8374L Datasheet HTML 21Page - National Semiconductor (TI) PC8374L Datasheet HTML 22Page - National Semiconductor (TI) PC8374L Datasheet HTML 23Page - National Semiconductor (TI) PC8374L Datasheet HTML 24Page - National Semiconductor (TI) PC8374L Datasheet HTML 25Page - National Semiconductor (TI) PC8374L Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
22
Revision1.1
1.4.3
InfraRed Port
1.4.4
Parallel Port
SOUT1
27
O
O4/8
VDD3
Serial Output. Sends composite serial data to the
communications link (peripheral device, modem or other data
transfer device). These signals are set active high after a system
reset.
SOUT2
120 or
122
OO4/8
VDD3
Signal
Pin(s)
I/O Buffer Type Power Well
Description
IRRX
127 or
120
IINTS
VDD3
InfraRed Receive. InfraRed serial input data.
IRTX
128 or
118
OO6/12
VDD3
InfraRed Transmit. InfraRed serial output data.
Signal
Pin(s)
I/O
Buffer Type Power Well
Description
ACK
36
I
INT
VDD3
Acknowledge. Pulsed low by the printer to indicate that it has
received data from the parallel port.
AFD_DSTRB 50
O
OD14,O14/14
VDD3
AFD - Automatic Feed. When low, instructs the printer to
automatically feed a line after printing each line. This pin is in
TRI-STATE after a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
DSTRB - Data Strobe (EPP). Active low; used in EPP mode
to denote a data cycle. When the cycle is aborted, DSTRB
becomes inactive (high).
BUSY_WAIT 35
I
INT
VDD3
Busy. Set high by the printer when it cannot accept another
character.
Wait. In EPP mode, the parallel port device uses this active
low signal to extend its access cycle.
ERR
45
I
INT
VDD3
Error. Set active low by the printer when it detects an error.
INIT
48
O
OD14,O14/14
VDD3
Initialize. When low, initializes the printer. This signal is in
TRI-STATE after a 1 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
PD7-0
37-44
I/O
INT/O14/14
VDD3
Parallel Port Data. Transfers data to and from the peripheral
data bus and the appropriate parallel port data register. These
signals have a high current drive capability.
PE
34
I
INT
VDD3
Paper End. Set high by the printer when it is out of paper.
This pin has an internal weak pull-up or pull-down resistor.
SLCT
33
I
INT
VDD3
Select. Set active high by the printer when the printer is
selected.
SLIN_ASTRB 47
O
OD14,O14/14
VDD3
SLIN - Select Input. When low, selects the printer. This signal
is in TRI-STATE after a 0 is loaded into the corresponding
control register bit. An external 4.7 K
Ω pull-up resistor must
be connected to this pin.
ASTRB - Address Strobe (EPP). Active low, used in EPP
mode to denote an address cycle. When the cycle is aborted,
ASTRB becomes inactive (high).
Signal
Pin(s)
I/O Buffer Type Power Well
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com