Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 85Page - National Semiconductor (TI) PC8374L Datasheet HTML 86Page - National Semiconductor (TI) PC8374L Datasheet HTML 87Page - National Semiconductor (TI) PC8374L Datasheet HTML 88Page - National Semiconductor (TI) PC8374L Datasheet HTML 89Page - National Semiconductor (TI) PC8374L Datasheet HTML 90Page - National Semiconductor (TI) PC8374L Datasheet HTML 91Page - National Semiconductor (TI) PC8374L Datasheet HTML 92Page - National Semiconductor (TI) PC8374L Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
Revision 1.1
89
www.national.com
4.2.6
Special Power Management Functions
Last Power State
Last Power State function saves the system power state when an AC power failure occurs.
When either the VDD3 or VSB3 power supply falls below the minimum limit, the SWC samples the value of the SLP_S3 signal.
If SLP_S3 is sampled low, this indicates an orderly shutdown of the Main supply through the S3-S5 sleep states; however,
if SLP_S3 is sampled high, this indicates a Power Fail condition, caused either by turning off the mechanical switch (G2
state) or by an AC power failure. The sampled value is powered by the VBAT backup supply, which preserves its value
throughout the Power Fail condition when both VDD3 and VSB3 supplies are off (see Section 2.1.2 on page 32) and until AC
power returns. When the system exits Power Fail (i.e., when VSB3 power is back on), this read-only bit serves as a snapshot
of the system state before the power was turned off.
The level of the SLP_S3 signal is sampled in LAST_PWR_STATE read-only bit in SWC_CTL register (see Section 4.3.3 on
page 92).
In case of a power failure, both VDD and VSB power supplies fall simultaneously. Therefore, the power failure is detected
either by VDD3 falling below VDD3OFF, or by VSB3 falling below VSB3OFF, whichever occurs first.
The LAST_PWR_STATE bit is reset to 0 at VBAT power-up (see Section 2.2.1 on page 35).
Backup Battery Status
This function detects the status of the backup battery (VBAT). When the battery voltage is below the specification (VBAT <
VBATLOW), GOOD_BAT and LAST_PWR_STATE bits in SWC_CTL register (see Section 4.3.3 on page 92) are reset. In this
case, the value of LAST_PWR_STATE bit is incorrect and must be ignored.
If the battery voltage is within specified limits (VBAT >VBATLOW), GOOD_BAT bit is set when either the VDD3 or the VSB3
power supply falls below the minimum limit.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com