Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 41Page - National Semiconductor (TI) PC8374L Datasheet HTML 42Page - National Semiconductor (TI) PC8374L Datasheet HTML 43Page - National Semiconductor (TI) PC8374L Datasheet HTML 44Page - National Semiconductor (TI) PC8374L Datasheet HTML 45Page - National Semiconductor (TI) PC8374L Datasheet HTML 46Page - National Semiconductor (TI) PC8374L Datasheet HTML 47Page - National Semiconductor (TI) PC8374L Datasheet HTML 48Page - National Semiconductor (TI) PC8374L Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
45
www.national.com
Two types of memory transactions are supported: LPC memory read/write and LPC FWH memory read/write. The PC8374L
can respond to only one transaction type at a time. The active type is controlled by TYPESEL bit in MEMADR2 register (see
Section 3.7.3 on page 53). When the active type is FWH, the PC8374L responds only to transactions where the IDSEL value
matches MEMFWHID field in MEMADR2 register. In this case the value of the least significant bit of MEMFWHID is also
used as bit 27 of MEM_BASE, which is the most significant bit of the FWH address.
Figure 6. PC8374L Memory Address Map
Figure 6 shows the memory address map for PC8374L device. The device control and configuration registers (I/O indexes
10h-2Fh) and Logical Device control and configuration registers (I/O indexes 30h-FFh) are located in the last 2K of the de-
vice memory range.
Figure 7 shows the memory address map of Logical Devices with register banks.
The PC8374L device control and configuration registers (I/O indexes 10h-2Fh) are located in last 32 bytes of the memory
mapping, when their memory mapping is enabled by MEMMAP register (see Section 3.7.1 on page 52). Table 20 shows the
memory physical addresses of these registers.
Table 20. Memory Physical Addresses of Device Configuration Registers
Register
I/O Index
Memory Physical Address
PC8374L Configurations
10h-2Fh
MEM_BASE+7FE0h to MEM_BASE+7FFFh
Device Control and
Configuration Registers
(I/O indexes10h-FFh)
7FFFh
7C00h
Logical Device 1Eh Registers
7800h
Logical Device 1Dh Registers
7400h
...
Logical Device 02h Registers
0800h
Logical Device 01h Registers
0400h
Logical Device 00h Registers
0000h
1K
BIOS Memory
Conventional Memory
640K
0
4G
2G
System Memory Map
MEM_BASE
32K
MEM_BASE+Offset
Window 1
Window 0
PC8374L Memory
PC8374L Memory Map
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com