Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 87Page - National Semiconductor (TI) PC8374L Datasheet HTML 88Page - National Semiconductor (TI) PC8374L Datasheet HTML 89Page - National Semiconductor (TI) PC8374L Datasheet HTML 90Page - National Semiconductor (TI) PC8374L Datasheet HTML 91Page - National Semiconductor (TI) PC8374L Datasheet HTML 92Page - National Semiconductor (TI) PC8374L Datasheet HTML 93Page - National Semiconductor (TI) PC8374L Datasheet HTML 94Page - National Semiconductor (TI) PC8374L Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
Revision 1.1
91
www.national.com
4.3.2
Standard LED Control Register (SLEDCTL)
This register configures the standard LED control of the two LEDs connected to pins GRN_LED and YLW_LED of the
PC8374L device. It is reset to 03h.
Power Well: VSB3
Location:
Offset 00h, when LED_OPT = 01 in the SWC_CTL register
Type:
R/W or RO
Bit
76
5
4
3210
Name
Reserved
BLINK
GRN_YLW
Reset
0
0
0
0
0011
Bit
Description
7-2
Reserved.
1
BLINK (LEDs Blink Control). Controls the operation mode (either blinking or constantly on) of the LED selected
by GRN_YLW bit. Blinking rate is 0.667 Hz with a duty cycle of 41.7%. When the system is in sleep state S5, both
LEDs are forced off regardless of BLINK and GRN_YLW bit values; see Table 37.
0: Selected LED blinking
1: Selected LED constantly on (default)
0
GRN_YLW (Green-Yellow LED Select). Selects which of the two LEDs (GRN_LED or YLW_LED) is active. The
LED which is not active is off; see Table 37.
0: Yellow LED (connected to YLW_LED pin) selected
1: Green LED (connected to GRN_LED pin) selected (default)
Table 37. GRN_LED and YLW_LED States
SLP_S5 pin
GRN_YLW bit
BLINK bit
GRN_LED pin
YLW_LED pin
01
1. SLP_S5 = 0: System is in sleep state S5.
X2
2. X is either logic “0” or logic “1”.
X0
0
1000
Blink
1010
TRI-STATE
1
1
0
Blink
0
1
1
1
TRI-STATE
0
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com