Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 69Page - National Semiconductor (TI) PC8374L Datasheet HTML 70Page - National Semiconductor (TI) PC8374L Datasheet HTML 71Page - National Semiconductor (TI) PC8374L Datasheet HTML 72Page - National Semiconductor (TI) PC8374L Datasheet HTML 73Page - National Semiconductor (TI) PC8374L Datasheet HTML 74Page - National Semiconductor (TI) PC8374L Datasheet HTML 75Page - National Semiconductor (TI) PC8374L Datasheet HTML 76Page - National Semiconductor (TI) PC8374L Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
73
www.national.com
3.14 GENERAL-PURPOSE INPUT/OUTPUT (GPIO) PORTS CONFIGURATION
3.14.1 General Description
The GPIO functional block includes 16 pins arranged in two ports:
● Port 0 contains eight GPIOE pins (i.e., GPIO pins with event detection).
● Port 1 contains seven GPIOE pin and one GPIO pin.
The two ports (excluding GPIO15) have full event detection capability, enabling them to trigger an IRQ and/or SMI. In addi-
tion, through the SWC functional block, they can trigger the SIOPME signal.
A configuration option to route GPIOE16 input to GPIOE11 (or GPO11) output is supported. When enabled, GPIOE11 out-
puts the data appearing on GPIOE16, ignoring its data output register. For proper operation, GPIOE11 and GPIOE16 need
both to be configured correctly. Undefined results otherwise.
The runtime registers associated with the ports are arranged in the GPIO address space as shown in Table 29. Each GPIO
port with wake-up event detection capability has five runtime registers. The GPIO base address is 32-byte aligned. Address
bits 4-0 are used to indicate the register offset.
The runtime registers implemented in the PC8374L devices are shown in Table 29. All of these registers are VSB3 powered.
Table 29. Runtime Registers in GPIO Address Space
Offset
Mnemonic
Register Name
Port
Power Well
Type
SEPDIO = 1 SEPDIO = 0
00h
GPDO0
GPIO Data Out 0
0
VSB3
R/W
RO
01h
GPDI0
GPIO Data In 0
VSB3
RO
RO
02h
GPEVEN0 GPIO Event Enable 0
VSB3
R/W
RO
03h
GPEVST0 GPIO Event Status 0
VSB3
R/W1C
RO
04h
GPDO1
GPIO Data Out 1
1
VSB3
R/W
RO
05h
GPDI1
GPIO Data In 1
VSB3
RO
RO
06h
GPEVEN1 GPIO Event Enable 1
VSB3
R/W
RO
07h
GPEVST1 GPIO Event Status 1
VSB3
R/W1C
RO
15h
GPDIO0
GPIO Data In/Out 0
0
VSB3
R/W
R/W
16h
GPDIO1
GPIO Data In/Out 1
1
VSB3
R/W
R/W
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com