Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 10Page - National Semiconductor (TI) PC8374L Datasheet HTML 11Page - National Semiconductor (TI) PC8374L Datasheet HTML 12Page - National Semiconductor (TI) PC8374L Datasheet HTML 13Page - National Semiconductor (TI) PC8374L Datasheet HTML 14Page - National Semiconductor (TI) PC8374L Datasheet HTML 15Page - National Semiconductor (TI) PC8374L Datasheet HTML 16Page - National Semiconductor (TI) PC8374L Datasheet HTML 17Page - National Semiconductor (TI) PC8374L Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
14
Revision1.1
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
1
MCLK
33
SLCT
65
CLOCKI14
97
VCORF
2MDAT
34
PE
66
HD_LED
98
VBAT
3
KBCLK
35
BUSY_WAIT
67
PRIMARY_HD
99
SIOPME
4
KBDAT
36
ACK
68
SECONDARY_HD
100
GPIOE16
5
GA20
37
PD7
69
SCSI
101
GPIOE14
6
VDD3
38
PD6
70
REF5V
102
NC
7
KBRST
39
PD5
71
VSB5
103
GPIOE00/SWD
8
VSS
40
PD4
72
REF5V_STBY
104
GPIOE01/FANTACH3
9
DSKCHG
41
PD3
73
PCIRST_OUT
105
FANTACH4/GPIOE02
10
HDSEL
42
PD2
74
PCIRST_OUT2/GPIOE12
106
GPIOE03/FANPWM1
11
RDATA
43
PD1
75
GPIOE13
107
VSB3
12
WP
44
PD0
76
VSB3
108
GPIOE04/FANPWM2
13
TRK0
45
ERR
77
BKFD_CUT
109
GPIOE05/FANPWM3
14
WGATE
46
VSS
78
VSS
110
VSS
15
WDATA47
SLIN_ASTRB
79
LATCHED_BF_CUT
111
GPIOE06/FANTACH1
16
STEP
48
INIT
80
GPIOE17
112
GPIOE07/FANTACH2
17
DIR
49
VDD3
81
PS_ON
113
CC_DDCSCL/GPIOE13
18
DR0
50
AFD_DSTRB
82
PWRGD_PS
114
5V_DDCSCL/GPIOE11
19
MTR0
51
STB_WRITE
83
CPU_PRESENT
115
CC_DDCSDA/GPIOE12
20
INDEX
52
SMI
84
PWRGD_3V
116
5V_DDCSDA/GPIOE10
21
DRATE0
53
SER_IRQ
85
SLP_S3
117
GPO11/VsbStrap1
22
DENSEL
54
LDRQ
86
SLP_S5
118
GPIOE00/RI2/IRTX
23
DCD1
55
PCI_CLK
87
SMB1_SCL
119
GPIOE01/SIN2/RI2
24
DSR1
56
LFRAME
88
SMB2_SCL/HMSCL
120
GPIOE02/SOUT2/IRRX
25
SIN1
57
LAD3
89
SMB1_SDA
121
GPIOE03/DSR2/SIN2
26
RTS1/TRIS
58
VSS
90
SMB2_SDA/HMSDA
122
GPO12/RTS2/SOUT2/
VddStrap1
27
SOUT1/TEST
59
LAD2
91
GPIO15
123
NC
28
CTS1
60
VDD3
92
RSMRST
124
GPIOE04/CTS2/DSR2
29
VSS
61
LAD1
93
VSB3
125
GPO13/DTR_BOUT2/
RTS2/VddStrap2
30
DTR_BOUT1/BADDR/
XOR_OUT
62
LAD0
94
GRN_LED
126
GPIOE05/DCD2/CTS2
31
VDD3
63
PCI_RESET
95
YLW_LED
127
GPIOE06/IRRX/
DTR_BOUT2
32
RI1
64
IDE_RSTDRV96
VSS
128
GPIOE07/IRTX/DCD2
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com