Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 32Page - National Semiconductor (TI) PC8374L Datasheet HTML 33Page - National Semiconductor (TI) PC8374L Datasheet HTML 34Page - National Semiconductor (TI) PC8374L Datasheet HTML 35Page - National Semiconductor (TI) PC8374L Datasheet HTML 36Page - National Semiconductor (TI) PC8374L Datasheet HTML 37Page - National Semiconductor (TI) PC8374L Datasheet HTML 38Page - National Semiconductor (TI) PC8374L Datasheet HTML 39Page - National Semiconductor (TI) PC8374L Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 239 page
background image
2.0 Power, Reset and Clocks (Continued)
www.national.com
36
Revision1.1
Hardware reset performs the following actions:
• Resets all lock bits in configuration registers, Health Management and SWC
• Sets up the pull-up or pull-down option and the default source for the V
DD3-powered multiplexed output pins
• Executes all the actions performed by the Software reset (see Section 2.2.5)
2.2.5
Software Reset
The Software reset is triggered by the host setting SWRST bit in SIOCF1 register (see Section 3.7.5 on page 54) via the
LPC interface. The Host Software reset performs the following actions:
• Loads default values to the V
DD3-powered unlocked bits in the Configuration Control.
• Loads default values to the V
SB3-powered unlocked GPIO Configuration and Data bits for those GPIO ports with
VDDLOAD = 1. VDDLOAD bit is not affected.
• Resets all the V
DD3-powered logical devices.
• Loads default values to all the V
DD3-powered module registers, unless explicitly specified otherwise.
2.3 CLOCK DOMAINS
Table 7 shows the PC8374L clock domains.
The LPC and 48 MHz clock domains, and the modules using them, are supplied by the Main power plane. Therefore, these
clock domains are active only when the VDD3 power supply is on.
The Standby and SW_360 clock domains are sourced by the on-chip Clock Generator. The clock domains become active
a certain time after first VDD3 power-up following VSB3 power-up, and they remain active as long as VSB3 exists.
The 32 KHz clock domain is sourced by the on-chip Clock Generator, which is supplied by the Standby power plane. The
32 KHz clock domain is active when the VSB3 power supply is on.
2.3.1
LPC Domain
The LPC clock signal at the PCI_CLK pin must become valid (to the extent specified in “PCI_CLK and PCI_RESET” on
page 224) before the end of the VDD Power-Up reset (see Section 2.2.3).
2.3.2
48 MHz Domain
The 48 MHz clock domain is sourced by the on-chip Clock Generator. The software must wait for CKVALID bit (see Section 3.7.11
on page 59) to be set before it enables the Legacy functions (Serial Ports, InfraRed Port, Parallel Port, FDC, KBC).
2.3.3
Standby Domain
The on-chip Clock Generator is the source of the Standby clock domain and all the other clock domains derived from it:
SW_360 and 32 KHz.
Note that the Health Management is functional only after first VDD3 power-up following VSB3 power-up. The SWC, GPIO and
Glue are functional on VSB3 power up.
The Standby clock is scaled-down by a fixed divider to generate the SW_360 clock domain used by the Health Management
module. In addition, the Standby clock is supplied directly to the Health Management module for the generation of PWM
output signals in the high frequency range. The 32 KHz clock domain is also derived from a scaled-down divider of the Stand-
by clock.
Table 7. Clock Domains of the PC8374L
Clock
Domain
Frequency
Power
Plane
Source
Usage
LPC
Up to 33 MHz
VDD3
LPC clock input (PCI_CLK)
LPC bus Interface and Configuration Registers
48 MHz
48 MHz
VDD3
On-Chip Clock Generator
Legacy functions (Serial Ports, InfraRed Port,
Parallel Port, FDC, KBC)
Standby
48 MHz
VSB3
On-Chip Clock Generator
Health Management Module
SW_360
360 KHz
VSB3
On-Chip Clock Generator
Health Management Module
32 KHz
32.768 KHz
VSB3
On-Chip Clock Generator
SWC, GPIO and Glue Functions
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com