Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 75Page - National Semiconductor (TI) PC8374L Datasheet HTML 76Page - National Semiconductor (TI) PC8374L Datasheet HTML 77Page - National Semiconductor (TI) PC8374L Datasheet HTML 78Page - National Semiconductor (TI) PC8374L Datasheet HTML 79Page - National Semiconductor (TI) PC8374L Datasheet HTML 80Page - National Semiconductor (TI) PC8374L Datasheet HTML 81Page - National Semiconductor (TI) PC8374L Datasheet HTML 82Page - National Semiconductor (TI) PC8374L Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
79
www.national.com
3.15 HEALTH MANAGEMENT (HM) CONFIGURATION
3.15.1 General Description
3.15.2 Logical Device 8 (HM) Configuration
Table 33 lists the configuration registers that affect the Health Management Module. See Section 3.2.3 on page 39 for a
detailed description of these registers. The standard configuration registers are powered by VDD3; however, the specific con-
figuration registers are powered by VSB3.
3.15.3 Health Management Configuration Register 1 (HMCFG1)
This register is reset to 01h.
Power Well: Varies per bit
Location:
Index F0h
Type:
Varies per bit
Note: The FANOUTx_INV bits are configurable via the HM module runtime registers.
Table 33. Health Management (HM) Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h
Activate. When bit 0 is cleared, the runtime registers of this logical device are
not accessible (see Section 3.3.1 on page 48).1
1. The logical device runtime registers are maintained and all sensor monitoring mechanisms are functional.
R/W
VDD3
00h
50h
Memory Base Descriptor.
R/W
VDD3
00h
60h
HM_LPC Base Address MSB register.
R/W
VDD3
00h
61h
HM_LPC Base Address LSB register. Bits 3-0 (for A3-0) are read-only, ‘0000’.
R/W
VDD3
00h
70h
Interrupt Number.
R/W
VDD3
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read-only.
R/W
VDD3
03h
74h
Report no DMA assignment.
RO
VDD3
04h
75h
Report no DMA assignment.
RO
VDD3
04h
F0h
Health Management Configuration register 1 (HMCFG1).
Varies
per bit
VSB3
05h
Bit
76543210
Name
LOCKHCF
FANOUT2_
OTYPE
FANOUT2_
INV
FANOUT1_
OTYPE
FANOUT1_
INV
FANOUT0_
OTYPE
FANOUT0_
INV
INT_PU_EN
Reset
00000001
Power Well
VDD3
VBAT
1
1. See Sections 2.1 and 2.2
VBAT
1
VBAT
1
VBAT
1
VBAT
1
VBAT
1
VSB3
Bit
Type
Description
7
R/W1S LOCKHCF (Lock Health Management Configuration). When set to 1, locks the bits of HMCFG1
register (including LOCKHCF bit itself) by disabling writing to them. Once set, this bit can be cleared by
Hardware reset.
0: R/W bits are enabled for write (default)
1: All bits are RO
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com