Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 92Page - National Semiconductor (TI) PC8374L Datasheet HTML 93Page - National Semiconductor (TI) PC8374L Datasheet HTML 94Page - National Semiconductor (TI) PC8374L Datasheet HTML 95Page - National Semiconductor (TI) PC8374L Datasheet HTML 96Page - National Semiconductor (TI) PC8374L Datasheet HTML 97Page - National Semiconductor (TI) PC8374L Datasheet HTML 98Page - National Semiconductor (TI) PC8374L Datasheet HTML 99Page - National Semiconductor (TI) PC8374L Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
www.national.com
96
Revision1.1
4.3.7
Keyboard Wake-Up Control Register (KBDWKCTL)
This register configures the keyboard events detected by the Keyboard/Mouse Wake-Up Detector. It is reset to 40h.
Power Well: VSB3
Location:
Offset 04h
Type:
R/W or RO
Bit
7
6
5
4
3210
Name
KBDMODE
EVT3CFG
EVT2CFG
EVT1CFG
Reset
0
1
0
0
0
0
0
0
Bit
Description
7-6
KBDMODE (Keyboard Mode Select). Selects one of the keyboard wake-up modes for the Keyboard/Mouse
Wake-Up Detector.
Bits
7 6
Keyboard Wake-Up Mode
0 0:
Special Key Sequence or Password: Configured by bits 3-0 of PS2CTL register
0 1:
Fast Any-Key: Indicates that any key was pressed on the keyboard (default)
1 0:
Power Management Keys: Configured by bits 5-0 of KBDWKCTL register
1 1:
Reserved
5-4
EVT3CFG (Keyboard Event 3 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 3, which indicates that “PM Key 3” was pressed on the keyboard. The setting of the EVT3CFG field is
relevant only if the Keyboard/Mouse Wake-Up Detector is in Power Management Keys mode (KBDMODE = 10).
The keyboard data sequence used to detect Keyboard Event 3 is stored in registers PS2KEY6-7, starting with
PS2KEY6.
Bits
5 4
Sequence Length
0 0:
0 bytes: Keyboard Event 3 disabled (default)
0 1:
1 byte: PS2KEY6
1 0:
2 bytes: PS2KEY6, PS2KEY7
1 1:
Reserved
3-2
EVT2CFG (Keyboard Event 2 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 2, which indicates that “PM Key 2” was pressed on the keyboard. The setting of the EVT2CFG field is
relevant only if the Keyboard/Mouse Wake-Up Detector is in Power Management Keys mode (KBDMODE = 10).
The keyboard data sequence used to detect Keyboard Event 2 is stored in registers PS2KEY3-5, starting with
PS2KEY3.
Bits
3 2
Sequence Length
0 0:
0 bytes: Keyboard Event 2 disabled (default)
0 1:
1 byte: PS2KEY3
1 0:
2 bytes: PS2KEY3, PS2KEY4
1 1:
3 bytes: PS2KEY3, PS2KEY4, PS2KEY5
1-0
EVT1CFG (Keyboard Event 1 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 1, which indicates that “PM Key 1” was pressed on the keyboard. The setting of the EVT1CFG field is
relevant only if the Keyboard/Mouse Wake-Up Detector is in Power Management Keys mode (KBDMODE = 10).
The keyboard data sequence used to detect Keyboard Event 1 is stored in registers PS2KEY0-2, starting with
PS2KEY0.
Bits
1 0
Sequence Length
0 0:
0 bytes: Keyboard Event 1 disabled (default)
0 1:
1 byte: PS2KEY0
1 0:
2 bytes: PS2KEY0, PS2KEY1
1 1:
3 bytes: PS2KEY0, PS2KEY1, PS2KEY2
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com