Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 72Page - National Semiconductor (TI) PC8374L Datasheet HTML 73Page - National Semiconductor (TI) PC8374L Datasheet HTML 74Page - National Semiconductor (TI) PC8374L Datasheet HTML 75Page - National Semiconductor (TI) PC8374L Datasheet HTML 76Page - National Semiconductor (TI) PC8374L Datasheet HTML 77Page - National Semiconductor (TI) PC8374L Datasheet HTML 78Page - National Semiconductor (TI) PC8374L Datasheet HTML 79Page - National Semiconductor (TI) PC8374L Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
76
Revision1.1
Table 31. Reset Values for PUPCTL and PDNCTL Bits
6
R/W or
RO
EVDBNC (Event Debounce Enable). Enables the debounce circuit in the event input path of the
selected GPIO pin. The event is detected after a predetermined debouncing period (see Section 6.3 on
page 113).
0: Disabled (default)
1: Enabled
Reserved for Port 1, Pin 5.
5
R/W or
RO
EVPOL (Event Polarity). Defines the polarity of the wake-up signal that issues an event from the
selected GPIO pin (see Section 6.3 on page 113).
0: Falling edge or low level input (default)
1: Rising edge or high level input
Reserved for Port 1, Pin 5.
4
R/W or
RO
EVTYPE (Event Type). Defines the type of the wake-up signal that issues an event from the selected
GPIO pin (see Section 6.3 on page 113).
0: Edge input (default)
1: Level input
Reserved for Port 1, Pin 5.
3
R/W1S LOCKCFP (Lock Configuration of Pin). When set to 1, locks the GPIO pin configuration and data
(also see Section 6.4 on page 115) by disabling writing to itself, to GPCFG1 register bits PDNCTL,
PUPCTL, OUTTYPE and OUTENA, to all of the bits of GPCFG2 register and to the corresponding bit
in GPDO and GPDIO registers. Once set, this bit can be cleared by Hardware reset.
0: R/W bits are enabled for write (default)
1: All bits are RO
2
R/W or
RO
PUPCTL (Pull-Up Control). Controls the internal pull-up resistor of the selected GPIO pin (see
Section 6.2 on page 111).
0: Disabled (for default value, see Table 31)
1: Enabled (for default value, see Table 31)
Undefined results when both the PDNCTL bit and the PUPCTL bit are set to 1.
1
R/W or
RO
OUTTYPE (Output Type). Controls the output buffer type of the selected GPIO pin (see Section 6.2 on
page 111).
0: Open-drain (default)
1: Push-pull
0
R/W or
RO
OUTENA (Output Enable). Controls the output buffer of the selected GPIO pin (see Section 6.2 on
page 111).
0: TRI-STATE (default)
1: Output buffer enabled
GP(I)O(E)nn
00
01-06
07
10
11-13
14
15-16
17
PUPCTL
010
0
1
0
0
1
PDNCTL
1
No Pull-Down
1
No Pull-Down
1
No Pull-Down
Bit
Type
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com