Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 31Page - National Semiconductor (TI) PC8374L Datasheet HTML 32Page - National Semiconductor (TI) PC8374L Datasheet HTML 33Page - National Semiconductor (TI) PC8374L Datasheet HTML 34Page - National Semiconductor (TI) PC8374L Datasheet HTML 35Page - National Semiconductor (TI) PC8374L Datasheet HTML 36Page - National Semiconductor (TI) PC8374L Datasheet HTML 37Page - National Semiconductor (TI) PC8374L Datasheet HTML 38Page - National Semiconductor (TI) PC8374L Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 239 page
background image
2.0 Power, Reset and Clocks (Continued)
Revision 1.1
35
www.national.com
Unless otherwise noted, reset references throughout the modules of the PC8374L devices default to the following resets:
● For V
BAT-retained functions (some SWC, Health Management configuration): VBAT Power-Up reset (within the limita-
tions described in Section 2.2.1).
● For V
SB3-powered functions (GPIO ports, SWC, Health Management, Glue Functions and some Configuration
Control): VSB Power-Up reset (within the limitations described in Section 2.2.2).
● For V
DD3-powered functions (Legacy modules, LPC, on-chip Clock Generator and some Configuration Control): VDD
Power-Up reset, Hardware Reset or Software Reset (within the limitations described in Sections 2.2.3, 2.2.4 and
2.2.5).
The following sections detail the sources and effects of the various PC8374L resets.
2.2.1
VBAT Power-Up Reset
VBAT Power-Up reset is generated by an internal circuit when VBAT power is applied, if VSB3 is off. An active VBAT Power-
Up reset signal is generated following a rise in the VBAT until the level of the VBAT power higher than VBATLOW is detected
(see Section 10.1.5 on page 213). A VBAT Power-Up reset is generated independently of the state of the VDD3 power supply.
When VBAT Power-Up reset is active, it resets the registers whose values are retained by VBAT (some of the SWC, Health
Management configuration).
2.2.2
VSB Power-Up Reset
VSB Power-Up reset is generated by an internal circuit when VSB3 power is applied. The VSB Power-Up reset time (tIRST)
lasts either 17 cycles of the 32 KHz clock domain or until the PCI_RESET signal is de-asserted, whichever occurs first. Ex-
ternal devices must wait at least tIRST before accessing the PC8374L device.
Note that the 32 KHz clock domain starts toggling t32KW +t32KVAL after VSB3 power-up. This delay must be added to the 17
clock cycles (see “Low-Frequency Clock Timing” on page 223).
VSB Power-Up reset performs the actions listed below and all the actions performed by VDD Power-Up reset (see
Section 2.2.3). Note that VDD3 must be active during VSB3 power-up for all VDD Power-Up reset actions to be performed:
• Puts pins with V
SB3 strap options into TRI-STATE and enables their internal pull-up resistors
• Samples the logic levels of the V
SB3 strap pins
• Samples the levels of the V
BAT power pin
• Activates the relevant circuits in SWC according to the level of the V
BAT power pin
• Loads default values to the V
BAT-powered bits, if VBAT is off
• Resets all lock bits in configuration registers, Health Management and SWC
• Loads default values to VDDLOAD bits in the GPIO configuration registers
• Loads default values to the V
SB3-powered bits in the configuration registers, SWC, Health Management and GPIO
• Sets up the pull-up or pull-down option and the default source for the V
SB3-powered multiplexed output pins
2.2.3
VDD Power-Up Reset
VDD Power-Up reset is generated by an internal circuit when VDD3 power is turned on. VDD Power-Up reset time (tIRST) lasts
until the PCI_RESET signal is de-asserted. The Hardware reset (PCI_RESET) must be asserted for a minimum of 10 ms to
ensure that the PC8374L device operates correctly.
External devices must wait at least tIRST before accessing the PC8374L. If the host processor accesses the PC8374L during
this time, the PC8374L LPC interface ignores the transaction (that is, it does not return a SYNC handshake).
VDD3 Power-Up reset performs the following actions:
• Puts pins with strap options into TRI-STATE and enables their internal pull-up resistors
• Samples the logic levels of the strap pins
• Executes all the actions performed by the Hardware reset (see Section 2.2.4)
2.2.4
Hardware Reset
Hardware reset is activated by the assertion (low) of the PCI_RESET input while VDD3 is “good”. When VDD3 power is off,
the PC8374L device ignores the level of the PCI_RESET input. However, the PCIRST_OUT and PCIRST_OUT2 outputs
reflect the PCI_RESET input and thus are active (low). In addition, the Hardware reset (PCI_RESET) must be asserted after
VSB power-up, as described in Section 2.2.2.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com