Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 24Page - National Semiconductor (TI) PC8374L Datasheet HTML 25Page - National Semiconductor (TI) PC8374L Datasheet HTML 26Page - National Semiconductor (TI) PC8374L Datasheet HTML 27Page - National Semiconductor (TI) PC8374L Datasheet HTML 28Page - National Semiconductor (TI) PC8374L Datasheet HTML 29Page - National Semiconductor (TI) PC8374L Datasheet HTML 30Page - National Semiconductor (TI) PC8374L Datasheet HTML 31Page - National Semiconductor (TI) PC8374L Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
28
Revision1.1
1.4.12 Configuration Straps and Testing
1.4.13 Power and Ground
Signal
Pin(s)
I/O Buffer Type Power Well
Description
BADDR
30
I
INTS
VDD3
Base Address. Sampled at VDD Power-Up reset to determine
the base address of the configuration Index-Data register pair,
as follows:
– No pull-down resistor (default)
- 2Eh-2Fh
–10K
Ω1 external pull-down resistor - 4Eh-4Fh
The external pull-down resistor must be connected to VSS.
1. Because the strap function is multiplexed with the Serial Port pins, a CMOS transceiver device is recommended
for Serial Port functionality; in this case, the value of the external pull-down resistor is 10 K
Ω. If, however, a TTL
transceiver device is used, the value of the external pull-down resistor must be 470
Ω, and since the Serial Port
pins are not able to drive this load, the external pull-down resistor must be disconnected tEPLV after VDD3
power-up (see “VDD Power-Up Reset” on page 221).
VsbStrap1
117
I
INTS
VSB3
Vsb Strap 1. Reserved strap input function for National use.
VddStrap1
122
I
INTS
VDD3
Vdd Strap 1. Reserved strap input function for National use.
VddStrap2
125
I
INTS
VDD3
Vdd Strap 2. General-Purpose strap input function.
TRIS
26
I
INTS
VDD3
TRI-STATE Device. Sampled at VDD Power-Up reset to force
the device to float all its output and I/O pins, as follows:
– No pull-down resistor (default)
- normal pin operation
–10K
Ω1 external pull-down resistor - floating device pins
The external pull-down resistor must be connected to VSS.
When TRIS is set to 0 (by an external pull-down resistor), TEST
must be 1 (left unconnected).
TEST
27
I
INTS
VDD3
XOR Tree Test Mode. Sampled at VDD Power-Up reset to force
the device pins into a XOR tree configuration, as follows:
– No pull-down resistor (default)
- normal device operation
–10K
Ω1 external pull-down resistor - pins configured as XOR
tree.
When TEST is set to 0 (by an external pull-down resistor), TRIS
must be 1 (left unconnected).
XOR_OUT
30
O
O4/8
VDD3
XOR Tree Output. All the device pins (except not connected pins,
power type and analog type pins) are internally connected in a
XOR tree structure.
Signal
Pin(s)
I/O Buffer Type
Power
Well
Description
VSS
8, 29, 46, 58,
78, 96, 110
I
GND
Ground. Ground connection for both core logic and I/O buffers,
for the Main, Standby and Battery power supplies.
VDD3
6, 31, 49, 60
I
PWR
Main 3.3V Power Supply. Powers the I/O buffers of the legacy
peripherals and the LPC interface.
VSB3
76, 93, 107
I
PWR
Standby 3.3V Power Supply. Powers the I/O buffers of the
GPIO ports, SWC, Glue Functions, Health Management and the
on-chip Core power converter.
VCORF
97
I/O
PWR
On-Chip Core Power Converter Filter. On-chip Core power
converter output. An external 1
µF ceramic filter capacitor must
be connected between this pin and VSS.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com