Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 79Page - National Semiconductor (TI) PC8374L Datasheet HTML 80Page - National Semiconductor (TI) PC8374L Datasheet HTML 81Page - National Semiconductor (TI) PC8374L Datasheet HTML 82Page - National Semiconductor (TI) PC8374L Datasheet HTML 83Page - National Semiconductor (TI) PC8374L Datasheet HTML 84Page - National Semiconductor (TI) PC8374L Datasheet HTML 85Page - National Semiconductor (TI) PC8374L Datasheet HTML 86Page - National Semiconductor (TI) PC8374L Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
Revision 1.1
83
www.national.com
Figure 12. GPIO Events
Modem Ring Events
High-to-low transitions on RI1 or RI2 indicate the detection of a ring signal by an external modem connected to the Serial
Port 1 or Serial Port 2, respectively. The transitions on RI1 and RI2 are detected by the RI Wake-Up Detector powered by
VSB3, which works independently of the Serial Port 1 or Serial Port 2 modules (powered by VDD3).
A detected RI1 or RI2 transition sets the RI1_EVT_STS or RI2_EVT_STS status bit in GPE1_STS_2 register (see
Section 4.4.6 on page 102). The status bit is cleared only when the software writes 1 to it.
The transition detection from RI1 and RI2 is enabled (for event generation) tEWIV after VSB3 power is on (see “Wake-Up
Inputs at VSB3 Power Switching” on page 236). This prevents the detection of false events during VSB3 power-On transi-
tions.
Mouse Wake-Up Event
A mouse wake-up event is detected by the Keyboard/Mouse Wake-Up Detector, which monitors the MCLK and MDAT sig-
nals. Since the detection mechanisms for keyboard and mouse events are independent, they can be operated simultaneous-
ly. Moreover, the Keyboard signals may be swapped with the Mouse signals by setting SWAP bit in KBC Configuration
register (see Section 3.13.3 on page 72). The Keyboard/Mouse Wake-Up Detector is powered by VSB3 and works indepen-
dently of the Keyboard Controller module (powered by VDD3).
The mouse event detection mechanism can be programed to detect either a mouse click or movement, a specific mouse
click (left or right) or a double-click. To program which mouse action causes an event detection, set MSEVCFG field in
PS2CTL register to the required value (see Section 4.3.8 on page 97).
A detected mouse event sets the MS_EVT_STS status bit in GPE1_STS_2 register (see Section 4.4.6 on page 102). The
status bit is cleared only when the software writes 1 to it.
Mouse event detection from MCLK and MDAT is enabled (for event generation) tEWIV after VSB3 power is on (see “Wake-
Up Inputs at VSB3 Power Switching” on page 236). This prevents the detection of false Mouse events during VSB3 power-
On transitions.
Event
Enable
Event Polarity
Input
Debouncer
GPIO Event Status
Internal
Bus
0
1
Pin
Write 1 to Clear
Status
GPIO Pin Configuration Register 1
Event
Debounce
Enable
Bit 6
Bit 5
(GPCFG1)
Reset
Set
GPIO Ports Module
Read
GPIO
IRQ
Routing
Control
Status
GPIO
GPIO Ports Module
SWC
SWC
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com