Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 56Page - National Semiconductor (TI) PC8374L Datasheet HTML 57Page - National Semiconductor (TI) PC8374L Datasheet HTML 58Page - National Semiconductor (TI) PC8374L Datasheet HTML 59Page - National Semiconductor (TI) PC8374L Datasheet HTML 60Page - National Semiconductor (TI) PC8374L Datasheet HTML 61Page - National Semiconductor (TI) PC8374L Datasheet HTML 62Page - National Semiconductor (TI) PC8374L Datasheet HTML 63Page - National Semiconductor (TI) PC8374L Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
60
Revision1.1
3.8 FLOPPY DISK CONTROLLER (FDC) CONFIGURATION
3.8.1
General Description
The generic FDC is a standard FDC with a digital data separator and is DP8473 and N82077 software compatible. The
PC8374L FDC supports 14 of the 17 standard FDC signals described in the generic Floppy Disk Controller (FDC) chapter,
including the following (see Section 9.1 on page 192):
• FM and MFM modes are supported.
• A logic 1 is returned during LPC I/O read cycles by all register bits reflecting the state of floating (TRI-STATE) FDC pins.
Exceptions to standard FDC are:
• Automatic media sense using MSEN0 and MSEN1 signals is not supported.
• DRATE1 is not supported.
• DR1 is not supported.
• MTR1 is not supported.
The FDC functional block registers are shown in Section 9.1 on page 192. All of these registers are VDD3 powered.
3.8.2
Logical Device 0 (FDC) Configuration
Table 22 lists the configuration registers that affect the FDC. Only the last two registers (F0h and F1h) are described here.
See Section 3.2.3 on page 39 for descriptions of the other configuration registers. All of these registers are VDD3 powered.
Table 22. FDC Configuration Register
Index
Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.3.1 on page 48).
R/W
VDD3
00h
60h
Base Address MSB register. Bits 7-3 (for A15-11) are read-only, ‘00000’.
R/W
VDD3
03h
61h
Base Address LSB register. Bits 2 and 0 (for A2 and A0) are read-only, ‘00’.
R/W
VDD3
F2h
70h
Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD3
06h
71h
Interrupt Type. Bit 1 is read/write; other bits are read-only.
R/W
VDD3
03h
74h
DMA Channel Select.
R/W
VDD3
02h
75h
Report no second DMA assignment.
RO
VDD3
04h
F0h
FDC Configuration register.
R/W
VDD3
24h
F1h
Drive ID register.
R/W
VDD3
00h
F8h
FDC Configuration register (mirror of the register at index F0h).
R/W
VDD3
24h
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com