Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 40Page - National Semiconductor (TI) PC8374L Datasheet HTML 41Page - National Semiconductor (TI) PC8374L Datasheet HTML 42Page - National Semiconductor (TI) PC8374L Datasheet HTML 43Page - National Semiconductor (TI) PC8374L Datasheet HTML 44Page - National Semiconductor (TI) PC8374L Datasheet HTML 45Page - National Semiconductor (TI) PC8374L Datasheet HTML 46Page - National Semiconductor (TI) PC8374L Datasheet HTML 47Page - National Semiconductor (TI) PC8374L Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
44
Revision1.1
3.2.6
Memory Space Mapping
The PC8374L device configuration registers and Logical Device registers can be mapped to either I/O or memory space.
The memory mapping control register (MEMMAP; see Section 3.7.1 on page 52) enables the device memory mapping, and
allows memory mapping of PC8374L control and configuration registers at I/O indexes 10h-2Fh, and logical device config-
uration registers at I/O indexes 30h-FFh. Each logical device register can be enabled separately for memory access by
memory base descriptor at I/O index 50h.
The memory base address MEM_BASE of the PC8374L device is determined by MEMADR1 and MEMADR2 registers,
which hold the high 15-bits of 32-bits memory address (see Section 3.7.2 and Section 3.7.3 on page 53). Address bit 31 is
reserved to 1; this limits the PC8374L device memory mapping to the high 2GB of memory space. Address bits 0-15 are
used for mapping of PC8374L device registers; this allows the PC8374L device a linear address space with total of 64K.
Note: The maximum value for MEM_BASE+64K should not exceed 4G-64K-1=FFFEFFFFh to avoid overlapping with the
BIOS memory area (see Figure 6 on page 45); that is, the maximum value of MEM_BASE should not exceed
FFFDFFFFh.
Operating System device drivers must be responsible for performing physical-to-virtual memory-address translation, includ-
ing allocation of selectors that point to the PC8374L device. The device may be accessed in Protected mode by creating a
selector with the physical address defined in MEMADR1 and MEMADR2 registers, and a maximum size of 64K.
Table 17 and Table 18 show how to access the memory mapped registers of PC8374L device. Table 17 shows the memory
address to registers of Logical Devices with one bank, such as GPIO. This method allows access to up to 1024 registers in
each Logical Device that is organized as one bank.
Table 18 shows the memory address to PC8374L device control and configuration registers and to registers of Logical De-
vices with several banks. This method allows access to up to 32 banks (and up to 32 registers in each bank) in Logical De-
vices that are organized in banks.
Window bit provides duplicate addresses for registers, to be used for read and write accesses. This resolves the problem of
PCI/LPC transaction buffering by some chip-sets. For example, this feature can be used to insure the order of transactions
for Write 1-to-Clear or Read-to-Clear registers.
Table 19 shows the Logical Device Number (LDN) field used by memory transactions for each PC8374L internal function
that can be enabled for memory transactions. Note that most of these LDNs are equivalent to those assigned by the plug-
and-play configuration, but they are not functionally identical.
Table 19. Logical Device Number (LDN) Assignment for Memory Space Mapping
Table 17. PC8374L Register Memory Address
31
30
24 23
16
15
14
10
9
0
Reserved
MEM_BASE
Window
Logical Device
Number
Register Offset
1
xxx xxxx
xxxx xxxx
x
xxx xx
xx xxxx xxxx
Table 18. PC8374L Register Memory Address to Logical Device with Register Banks
31
30
24 23
16
15
14
10
9
5
4
0
Reserved
MEM_BASE
Window
Logical Device
Number
Bank Number
Register Offset
1
xxx xxxx
xxxx xxxx
x
xxx xx
xx xxx
x xxxx
LDN
Functional Block
04h
System Wake-Up Control (SWC)
Register Offset Bit 9 = 0: SWC Registers
Register Offset Bit 9 = 1: ACPI Registers
07h
General-Purpose I/O (GPIO) Ports
08h
Health Management
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com