Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 73Page - National Semiconductor (TI) PC8374L Datasheet HTML 74Page - National Semiconductor (TI) PC8374L Datasheet HTML 75Page - National Semiconductor (TI) PC8374L Datasheet HTML 76Page - National Semiconductor (TI) PC8374L Datasheet HTML 77Page - National Semiconductor (TI) PC8374L Datasheet HTML 78Page - National Semiconductor (TI) PC8374L Datasheet HTML 79Page - National Semiconductor (TI) PC8374L Datasheet HTML 80Page - National Semiconductor (TI) PC8374L Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
77
www.national.com
3.14.5 GPIO Event Routing Register (GPEVR)
This register reflects, for both read and write, the register currently selected by the GPIO Pin Select register. It enables the
routing of the GPIO event (see Section 6.3.2 on page 114) to an IRQ and/or SMI signal. It is implemented for Ports 0 to 1,
which have wake-up event detection capability. GPEVR is reset to 00h.
Power Well: VSB3
Location:
Index F2h
Type:
R/W or RO
3.14.6 GPIO Pin Configuration Register 2 (GPCFG2)
This register reflects, for both read and write, the register currently selected by the GPIO Pin Select register. It controls the
connection of the GPIO pin to a VDD-powered load.
Power Well: VSB3
Location:
Index F3h
Type:
R/W or RO
Table 32. Reset Values for VDDLOAD Bit
Bit
76543210
Name
Reserved
EV2SMI
EV2IRQ
Reset
00000000
Bit
Description
7-2
Reserved.
1
EV2SMI (Event to SMI Routing). Controls the routing of the event from the selected GPIO pin to SMI (see
Section 6.3.2 on page 114).
0: Disabled (default)
1: Enabled
0
EV2IRQ (Event to IRQ Routing). Controls the routing of the event from the selected GPIO pin to IRQ (see
Section 6.3.2 on page 114).
0: Disabled (default)
1: Enabled
Bit
765
4
3
210
Name
Reserved
VDDLOAD
Reserved
Reset
0
0
0
see Table 32
0
0
0
0
Bit
Description
7-5
Reserved.
4
VDDLOAD (VDD3-Powered Load). Indicates that the selected GPIO pin is connected to a device powered by
VDD3. When this bit is 1, the input and output buffers (including the internal pull-up/pull-down) of the selected
GPIO pin are disabled whenever VDD3 power to the PC8374L device falls below a certain value (see
Section 10.1.5 on page 213).
0: GPIO pin connected to a VSB3-powered load (default): The configuration and data of the GPIO pin are reset
by VSB3 Power-Up reset (see Section 2.2 on page 34).
1: GPIO pin connected to a VDD3-powered load: The configuration (excepting the VDDLOAD bit) and data of the
GPIO pin are reset by VDD Power-Up reset, Hardware reset or Software reset (see Section 2.2 on page 34).
3-0
Reserved.
GP(I)O(E)nn
00
01-07
10
11-12
13-17
VDDLOAD
100
1
0
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com