Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 17Page - National Semiconductor (TI) PC8374L Datasheet HTML 18Page - National Semiconductor (TI) PC8374L Datasheet HTML 19Page - National Semiconductor (TI) PC8374L Datasheet HTML 20Page - National Semiconductor (TI) PC8374L Datasheet HTML 21Page - National Semiconductor (TI) PC8374L Datasheet HTML 22Page - National Semiconductor (TI) PC8374L Datasheet HTML 23Page - National Semiconductor (TI) PC8374L Datasheet HTML 24Page - National Semiconductor (TI) PC8374L Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.1
21
www.national.com
1.4 DETAILED SIGNAL/PIN DESCRIPTIONS
This section describes all signals of the PC8374L device. The signals are organized by functional group.
1.4.1
LPC Interface
1.4.2
Serial Port 1 and Serial Port 2 (UART1 and UART2)
Signal
Pin(s) I/O Buffer Type Power Well
Description
LAD3-0
57, 59,
61-62
I/O
INPCI/OPCI
VDD3
LPC Address-Data. Multiplexed command, address bi-directional
data and cycle status.
PCI_CLK
55
I
INPCI
VDD3
LPC Clock. PCI clock used for the LPC bus (up to 33 MHz).
LFRAME
56
I
INPCI
VDD3
LPC Frame. Low pulse indicates the beginning of a new LPC cycle
or termination of a broken cycle.
LDRQ
54
O
OPCI
VDD3
LPC DMA Request. Encoded DMA request for LPC interface.
PCI_RESET
63
I
INPCI
VDD3
LPC Reset. PCI system reset used for the LPC bus (Hardware Reset).
SER_IRQ
53
I/O
INPCI/OPCI
VDD3
Serial IRQ. The interrupt requests are serialized over a single pin,
where each IRQ level is delivered during a designated time slot.
SMI
52
O
OD6
VDD3
System Management Interrupt. Active (low) level indicates that
an SMI occurred. External pull-up resistor to VDD3 is required.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
CTS1
28
I
INTS
VDD3
Clear to Send. When low, indicates that the modem or other data
transfer device is ready to exchange data.
CTS2
124 or
126
IINTS
VDD3
DCD1
23
I
INTS
VDD3
Data Carrier Detected. When low, indicates that the modem or
other data transfer device has detected the data carrier.
DCD2
126 or
128
IINTS
VDD3
DSR1
24
I
INTS
VDD3
Data Set Ready. When low, indicates that the data transfer
device, e.g., modem, is ready to establish a communications link.
DSR2
121 or
124
IINTS
VDD3
DTR_BOUT1 30
O
O4/8
VDD3
Data Terminal Ready. When low, indicates to the modem or
other data transfer device that the corresponding UART is ready
to establish a communications link. After a system reset, these
pins provide the DTR function and set these signals to inactive
high.
Baud Output. Provides the associated serial channel baud rate
generator output signal if test mode is selected, i.e., bit 7 of
EXCR1 register is set.
DTR_BOUT2 125 or
127
OO4/8
VDD3
RI1
32
I
INTS
VDD3
Ring Indicator. When low, indicates that a telephone ring signal
was received by the modem. These pins are monitored during
VDD power-off for wake-up event detection.
RI2
118 or
119
IINTS
VDD3
RTS1
26
O
O4/8
VDD3
Request to Send. When low, indicates to the modem or other
data transfer device that the corresponding UART device is ready
to exchange data. A system reset sets these signals to inactive
high.
RTS2
122 or
125
OO4/8
VDD3
SIN1
25
I
INTS
VDD3
Serial Input. Receives composite serial data from the
communications link (peripheral device, modem or other data
transfer device).
SIN2
119 or
121
IINTS
VDD3
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com