Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 67Page - National Semiconductor (TI) PC8374L Datasheet HTML 68Page - National Semiconductor (TI) PC8374L Datasheet HTML 69Page - National Semiconductor (TI) PC8374L Datasheet HTML 70Page - National Semiconductor (TI) PC8374L Datasheet HTML 71Page - National Semiconductor (TI) PC8374L Datasheet HTML 72Page - National Semiconductor (TI) PC8374L Datasheet HTML 73Page - National Semiconductor (TI) PC8374L Datasheet HTML 74Page - National Semiconductor (TI) PC8374L Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
71
www.national.com
3.13 KEYBOARD AND MOUSE CONTROLLER (KBC) CONFIGURATION
3.13.1 General Description
The KBC is implemented physically as a single hardware module and houses two separate logical devices: a Mouse con-
troller (Logical Device 5) and a Keyboard controller (Logical Device 6). The KBC is functionally equivalent to the industry
standard 8042A Keyboard controller. Technical references for the standard 8042A Keyboard Controller may serve as de-
tailed technical references for the KBC.
The Keyboard and Mouse Controller runtime registers are described in Section 9.5 on page 206. All registers are VDD3 pow-
ered.
3.13.2 Logical Devices 5 and 6 (Mouse and Keyboard) Configuration
Tables 27 and 28 list the configuration registers that affect the Mouse and Keyboard logical devices. Only the last register
(F0h) is described here. See Section 3.2.3 on page 39 for descriptions of the other configuration registers. The KBC module
is activated and the access to the runtime registers (pointed at by the base addresses at indexes 60h-63h) is enabled when
either the Mouse logical device (5) or the Keyboard logical device (6) is activated (by setting the activation bit at index 30h).
Because the IRQ configuration resources are separate for each logical device (Mouse or Keyboard), the specific logical de-
vice must be activated to enable its IRQ resources. All of these registers are VDD3 powered, with the exception of the KBC
Configuration register (F0h), which is both VDD3 and VSB3 powered.
Table 27. Mouse Configuration Registers
Index
Mouse Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.2.3 on page 39). When the Mouse of the KBC is
inactive, the IRQ selected by the Mouse Interrupt Number and Wake-Up on IRQ
Enable register (index 70h) are not asserted.
R/W
VDD3
00h
70h
Mouse Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD3
0Ch
71h
Mouse Interrupt Type. Bits 1,0 are read/write; other bits are read-only.
R/W
VDD3
02h
74h
Report no DMA assignment.
RO
VDD3
04h
75h
Report no DMA assignment.
RO
VDD3
04h
Table 28. Keyboard Configuration Registers
Index
Keyboard Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.2.3 on page 39). When the Keyboard of the KBC is
inactive, the IRQ selected by the Keyboard Interrupt Number and Wake-Up on
IRQ Enable register (index 70h) are not asserted.
R/W
VDD3
00h
60h
Base Address MSB register. Bits 7-3 (for A15-11) are read-only, ‘00000’.
R/W
VDD3
00h
61h
Base Address LSB register. Bits 2-0 (for A2-0) are read-only, ‘000’.
R/W
VDD3
60h
62h
Command Base Address MSB register. Bits 7-3 (for A15-11) are read-only,
‘00000’.
R/W
VDD3
00h
63h
Command Base Address LSB. Bits 2-0 (for A2-0) are read-only, ‘100’.
R/W
VDD3
64h
70h
KBD Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD3
01h
71h
KBD Interrupt Type. Bits 1,0 are read/write; others are read-only.
R/W
VDD3
02h
74h
Report no DMA assignment.
RO
VDD3
04h
75h
Report no DMA assignment.
RO
VDD3
04h
F0h
KBC Configuration register.
R/W
VDD3/VSB3
40h
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com