Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 11Page - National Semiconductor (TI) PC8374L Datasheet HTML 12Page - National Semiconductor (TI) PC8374L Datasheet HTML 13Page - National Semiconductor (TI) PC8374L Datasheet HTML 14Page - National Semiconductor (TI) PC8374L Datasheet HTML 15Page - National Semiconductor (TI) PC8374L Datasheet HTML 16Page - National Semiconductor (TI) PC8374L Datasheet HTML 17Page - National Semiconductor (TI) PC8374L Datasheet HTML 18Page - National Semiconductor (TI) PC8374L Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.1
15
www.national.com
1.2 BUFFER TYPES AND SIGNAL/PIN DIRECTORY
The signal DC characteristics of the pins described in Section 1.4 on page 21 are denoted by buffer type symbols, which are
defined in Table 1 and described in further detail in Section 10.2 on page 213.
Table 1. Buffer Types
Symbol
Description
INT
Input, TTL compatible
INTS
Input, TTL compatible, with 250 mV Schmitt Trigger
INTS2
Input, TTL compatible, with 200 mV Schmitt Trigger
INTS4
Input, TTL compatible, with 400 mV Schmitt Trigger
INPCI
Input, PCI 3.3V compatible
INSM
Input, SMBus compatible
INULR
Input, power, resistor protected (not characterized)
AI
Input, analog (0-5.5V tolerant)
Op/n
Output, TTL/CMOS compatible, push-pull buffer capable of sourcing p mA
and sinking n mA
ODn
Output, TTL/CMOS compatible, open-drain buffer capable of sinking n mA
OPCI
Output, PCI 3.3V compatible,
AO
Output, analog (0-5.5V tolerant)
SWSM
Input/Output switch, SMBus compatible
PWR
Power pin
GND
Ground pin
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com