Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 76Page - National Semiconductor (TI) PC8374L Datasheet HTML 77Page - National Semiconductor (TI) PC8374L Datasheet HTML 78Page - National Semiconductor (TI) PC8374L Datasheet HTML 79Page - National Semiconductor (TI) PC8374L Datasheet HTML 80Page - National Semiconductor (TI) PC8374L Datasheet HTML 81Page - National Semiconductor (TI) PC8374L Datasheet HTML 82Page - National Semiconductor (TI) PC8374L Datasheet HTML 83Page - National Semiconductor (TI) PC8374L Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
80
Revision1.1
6
R/W or
RO
FANOUT2_OTYPE (FANOUT2 Output Type). Controls the output buffer type of the FANPWM3 output.
0: Push-pull (default)
1: Open-drain
5RO
FANOUT2_INV (FANOUT2 Output Invert). When this bit is set to 1, the signal at the FANPWM3
output is inverted.
0: Normal signal (default)
1: Inverted signal
4
R/W or
RO
FANOUT1_OTYPE (FANOUT1 Output Type). Controls the output buffer type of the FANPWM2 output.
0: Push-pull (default)
1: Open-drain
3RO
FANOUT1_INV (FANOUT1 Output Invert). When this bit is set to 1, the signal at the FANPWM2
output is inverted.
0: Normal signal (default)
1: Inverted signal
2
R/W or
RO
FANOUT0_OTYPE (FANOUT0 Output Type). Controls the output buffer type of the FANPWM1 output.
0: Push-pull (default)
1: Open-drain
1RO
FANOUT0_INV (FANOUT0 Output Invert). When this bit is set to 1, the signal at the FANPWM1
output is inverted.
0: Normal signal (default)
1: Inverted signal
0
R/W or
RO
INT_PU_EN (Internal Pull-Up Enable). Controls the internal pull-up resistors on the SWD signal.
0: Disabled
1: Enabled (default)
Bit
Type
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com