Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 48Page - National Semiconductor (TI) PC8374L Datasheet HTML 49Page - National Semiconductor (TI) PC8374L Datasheet HTML 50Page - National Semiconductor (TI) PC8374L Datasheet HTML 51Page - National Semiconductor (TI) PC8374L Datasheet HTML 52Page - National Semiconductor (TI) PC8374L Datasheet HTML 53Page - National Semiconductor (TI) PC8374L Datasheet HTML 54Page - National Semiconductor (TI) PC8374L Datasheet HTML 55Page - National Semiconductor (TI) PC8374L Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
52
Revision1.1
3.7 PC8374L CONFIGURATION REGISTERS
This section describes the PC8374L configuration and ID registers (i.e., registers with first level indexes in the range of 10h
−2Fh).
3.7.1
Memory Mapping Control Register (MEMMAP)
Power Well: VDD3
Location:
Index 10h
Type:
Varies per bit
Bit
7
6
5
4
3
2
1
0
Name
MEMEN
LOCKMEM
Reserved
BIODIS
LDMEMEN CFGMEMEN
Reset
0
0
0
0
0
0
0
0
Bit
Type
Description
7
R/W or
RO
MEMEN (Memory Mapping Enable). When set to 1, enables memory mapping. MEMADR1 and
MEMADR2 registers must be configured before this bit is set to 1.
0: Memory mapping is disabled (default)
1: Memory mapping is enabled
6
R/W1S LOCKMEM (Lock Memory Mapping Configuration). When set to 1, locks the configuration registers
of memory mapping: MEMMAP, MEMADR1 and MEMADR2. Once set, the bit can be cleared only by
VDD3 Power-Up reset.
0: R/W bits are enabled for write (default)
1: All bits of MEMMAP, MEMADR1 and MEMADR2 registers are RO
5-3
Reserved.
2
R/W or
RO
BIODIS (I/O Base Address Disable). When set to 1, disables selected 2Eh/2Fh or 4Eh/4Fh addresses
acknowledged on LPC, and prevents any I/O transaction to PC8374L device. The bit disables the
PC8374L 2Eh/2Fh or 4Eh/4Fh I/O mapping only when MEMEN, LDMEMEN and CFGMEMEN bits are
all set to 1.
0: The 2Eh/2Fh or 4Eh/4Fh I/O mapping is enabled (default)
1: The 2Eh/2Fh or 4Eh/4Fh I/O mapping is disabled
1
R/W or
RO
LDMEMEN (Enable Memory Mapping of Logical Devices Configuration Registers). When set to 1,
enables the memory mapping of Logical Devices Configuration registers (I/O index 30h-FFh). When
cleared, all Logical Devices Configuration registers are I/O mapped. The bit enables memory mapping
only when MEMEN bit is set to 1.
0: All Logical Devices Configuration registers are I/O mapped (default)
1: All Logical Devices Configuration registers are Memory mapped
Note: When this bit is 1 (and MEMEN is 1), I/O mapping of the Logical Devices Configuration registers
is still enabled (in addition to the memory mapping) when BIODIS is 0 or CFGMEMEN is 0.
0
R/W or
RO
CFGMEMEN (Enable Memory Mapping of Control and Configuration Registers). When set to 1,
enables the memory mapping of device control and configuration registers (I/O index 10h-2Fh). When
cleared, the device control and configuration registers are I/O mapped. The bit enables memory
mapping only when MEMEN bit is set to 1.
0: All control and configuration registers are I/O mapped (default).
1: All control and configuration registers are Memory mapped.
Note: When this bit is 1 (and MEMEN is 1), I/O mapping of the device control and configuration regis-
ters is still enabled (in addition to the memory mapping) when BIODIS is 0 or LDMEMEN is 0.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com