Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374L Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 36Page - National Semiconductor (TI) PC8374L Datasheet HTML 37Page - National Semiconductor (TI) PC8374L Datasheet HTML 38Page - National Semiconductor (TI) PC8374L Datasheet HTML 39Page - National Semiconductor (TI) PC8374L Datasheet HTML 40Page - National Semiconductor (TI) PC8374L Datasheet HTML 41Page - National Semiconductor (TI) PC8374L Datasheet HTML 42Page - National Semiconductor (TI) PC8374L Datasheet HTML 43Page - National Semiconductor (TI) PC8374L Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
40
Revision1.1
Table 10. Standard General Configuration Registers
Index
Register Name
Description
07h
Logical Device
Number
This register selects the current logical device. See Table 9 for valid numbers. All
other values are reserved.
10h
Memory Mapping
Control
Enables the memory mapping of the device and configuration registers.
12h
Memory Base
Address 1
Indicates selected Memory Base address bits 23-16.
13h
Memory Base
Address 2
Indicates selected Memory Base address bits 31-24.
20h-2Fh
PC8374L
Configuration
PC8374L configuration registers and ID registers.
Table 11. Logical Device Activate Register
Index
Register Name
Description
30h
Activate
Bits 7-1: Reserved
Bit 0:
Logical device activation control (see Section 3.3 on page 48)
0: Disabled
1: Enabled
Table 12. Memory Space Configuration Registers
Index
Register Name
Description
50h
Memory Base
Descriptor
Controls the mapping of a logical device to I/O or to memory when MEMEN bit in
MEMMAP register is set to 1 (see Section 3.7.1 on page 52).
Bit 0:
Logical device mapping control (see Section 3.3 on page 48)
0: Logical device is mapped to I/O space (default)
1: Logical device is mapped to Memory space
Bits 7-1: Reserved
Table 13. I/O Space Configuration Registers
Index
Register Name
Description
60h
I/O Port Base
Address Bits 15
−8
Descriptor 0
Indicates selected I/O lower limit address bits 15
−8 for I/O Descriptor 0.
61h
I/O Port Base
Address Bits 7
−0
Descriptor 0
Indicates selected I/O lower limit address bits 7
−0 for I/O Descriptor 0.
62h
I/O Port Base
Address Bits 15
−8
Descriptor 1
Indicates selected I/O lower limit address bits 15
−8 for I/O Descriptor 1.
63h
I/O Port Base
Address Bits 7
−0
Descriptor 1
Indicates selected I/O lower limit address bits 7
−0 for I/O Descriptor 1.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com