Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 42Page - STMicroelectronics L9908 Datasheet HTML 43Page - STMicroelectronics L9908 Datasheet HTML 44Page - STMicroelectronics L9908 Datasheet HTML 45Page - STMicroelectronics L9908 Datasheet HTML 46Page - STMicroelectronics L9908 Datasheet HTML 47Page - STMicroelectronics L9908 Datasheet HTML 48Page - STMicroelectronics L9908 Datasheet HTML 49Page - STMicroelectronics L9908 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 153 page
background image
Note:
If no oscillator clock is available, the SPI data processing cannot work properly: L9908 delivers always the latest
answer.
5.10
Motor Battery Monitor (MBM)
L9908 implements a monitoring unit on the voltage level of the motor`s battery through the pin VDH with the
purpose of detecting over-voltage events that can harm the device and under-voltage events that can prevent a
correct motor driving. Hysteresis on thresholds and filtering time are implemented.
If VDH ≤ VDH_uv_th occurs for an interval longer than T_vdh_uv_flt filtering time, VDH_UV flag is set. The error
flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
If VDH ≥ VDH_ov_th occurs for an interval longer than T_vdh_ov_flt filtering time, VDH_OV flag is set. The error
flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
The correct level of motor`s battery stage monitor is safety relevant and then a self-check procedure is
implemented on its monitor.
The under-voltage thresholds VDH_uv_th can be configured by dedicated SPI bits as follows:
Table 39. Motor battery monitor UV threshold configuration bits
VDH_UV_CFG1
VDH_UV_CFG0
Description
0
0
12 V Systems (Defaults)
0
1
24 V Systems
1
0
48 V Systems
1
1
VDH UV Disabled
The over-voltage threshold VDH_ov_th can be configured by dedicated SPI bits as follows:
Table 40. Motor battery monitor OV threshold configuration bits
VDH_OV_CFG2
VDH_OV_CFG1
VDH_OV_CFG0
Description
0
0
0
12 V Systems 1
0
0
1
12 V Systems 2
0
1
0
24 V Systems 1
0
1
1
24 V Systems 2
1
0
0
48 V Systems 1
1
0
1
48 V Systems 2
1
1
0
48 V Systems 3
1
1
1
48 V Systems 4 (Defaults)
The filter time on under/over voltage diagnosis T_vdh_uv_flt/ T_vdh_ov_flt can be configured by dedicated SPI
bits as follows:
Table 41. Motor battery monitor filtering configuration bits
VDH_FLT_CFG1
VDH_FLT_CFG0
Description
0
0
12.25 μs (Defaults)
0
1
25 μs
1
0
50 μs
1
1
100 μs
L9908
Motor Battery Monitor (MBM)
DS13546 - Rev 3
page 46/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com