Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 31Page - STMicroelectronics L9908 Datasheet HTML 32Page - STMicroelectronics L9908 Datasheet HTML 33Page - STMicroelectronics L9908 Datasheet HTML 34Page - STMicroelectronics L9908 Datasheet HTML 35Page - STMicroelectronics L9908 Datasheet HTML 36Page - STMicroelectronics L9908 Datasheet HTML 37Page - STMicroelectronics L9908 Datasheet HTML 38Page - STMicroelectronics L9908 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 153 page
background image
Table 29. Fault output redirection configuration bit
<FLT_REF>_REDIRECT_CFG
Description
0
Fault redirected on FS_FLAG/IC ERR (Default)
1
Fault redirection masked
Figure 14. Fault output redirection logic simplified block diagram
5.6.2
Fault reaction scenarios
Here below are described the scenarios of each different fault case separately.
In case multiple faults take place at the same time the following priority in reaction is used:
•
STD fault
•
Auto-retry
•
Reduced operation mode
•
WRN fault
5.6.2.1
Shutdown faults
When a shutdown fault is detected, the related SPI flag is set to ‘1’, the IC ERR bits in the SPI FRAME are set to
‘11’ and the FS_FLAG is asserted low.
Disable logic reacts by establishing SAFE_OFF mode: all the three half bridges are disabled, with VGHS_n-
VSHS_n = 0 V and VGLS_n-VSLSn = 0V [n = 1, 2, 3]. Gate Drive Supply block is disabled (SPI configuration bit
HBn_DIS, CP1_EN and CP2_EN remain set as previously configured).
The SAFE_OFF mode can be left when all the following conditions are met in the following sequence:
1.
STD fault is removed;
2.
STD fault flag is cleared on read (action required by Application SW);
3.
EN_BR is asserted low for at least T_clear and then asserted back high (action required by Application SW).
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 35/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com