Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 25Page - STMicroelectronics L9908 Datasheet HTML 26Page - STMicroelectronics L9908 Datasheet HTML 27Page - STMicroelectronics L9908 Datasheet HTML 28Page - STMicroelectronics L9908 Datasheet HTML 29Page - STMicroelectronics L9908 Datasheet HTML 30Page - STMicroelectronics L9908 Datasheet HTML 31Page - STMicroelectronics L9908 Datasheet HTML 32Page - STMicroelectronics L9908 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 153 page
background image
5.4.1
Configuration mode activation
An accidental SRR and SLR change must be avoided therefore a finite state machine is implemented to access
the CONFIG mode.
The CONFIG mode access state machine is composed by 2 sequential states, the passage from a state to the
next one is carried out by the acknowledgment of a dedicated UNLOCK frames sequence to be written in the SPI
register CFG_EN_UNLOCK (UNLOCK1 key: 0x55 → UNLOCK2 key: 0x33).
The correct completion of the CONFIG Mode procedure gives access to SLR. Access to SRR is further masked
until EN_BR = 0 or HBn_DIS = 1 [n = 1, 2, 3].
Table 18. CONFIG mode activation register
CFG_EN_UNLOCK <7:0>
Description
0x55 → 0x33
CONFIG Mode Access
0xAA
CONFIG Mode Exit
Note:
•
SRR and SLR configuration will become effective the next clock cycle after the completed writing
operation.
•
Write attempts on SRR and SLR are ignored as long as the previous requirements aren`t met.
•
Write attempts on Read Only (RO) registers are ignored, no matter if the register is NSR, SLR or SRR.
Figure 12. CONFIG mode state machine
The configuration mode is left by a dedicated LOCK frame (LOCK key: 0xAA) to be written in the SPI register
CFG_EN_UNLOCK, which confirms the written changes and locks them on writing. The configuration mode is
also left automatically after the CONFIG mode time-out expiration: if no correct LOCK SPI frame is detected
within T_cgf_time_out, the CONFIG mode is left.
Note:
All parameters are guaranteed and tested in the voltage ranges reported in Table 5 unless otherwise specified.
Where not specified the parametrical operating range equals the functional operating range.
Table 19. CFG timeout
Symbol
Parameter
Min
Typ
Max
Unit
Notes
T_cgf_time_out
CFG Mode Time-out
-
100
-
ms
Not subject to production test
L9908
Configuration mode
DS13546 - Rev 3
page 29/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com