Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 4Page - STMicroelectronics L9908 Datasheet HTML 5Page - STMicroelectronics L9908 Datasheet HTML 6Page - STMicroelectronics L9908 Datasheet HTML 7Page - STMicroelectronics L9908 Datasheet HTML 8Page - STMicroelectronics L9908 Datasheet HTML 9Page - STMicroelectronics L9908 Datasheet HTML 10Page - STMicroelectronics L9908 Datasheet HTML 11Page - STMicroelectronics L9908 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 153 page
background image
Symbol
Parameter
Min
Typ
Max
Unit
Notes
Gate Drivers
d_CBSN_SHSN_MOR_BT1_MOR
CBS_n – SHS_n:
differential voltage
between CBS_n and
SHS_n
VPRE UV
-
VPRE OV
V
Charge
through BT
charge limiter
1 only
[n=1,2,3]
d_CBSN_SHSN_MOR_BT2_MOR
CBS_n – SHS_n:
differential voltage
between CBS_n and
SHS_n
BT_lim2_vlim
(MIN)
-
BT_lim2_vlim
(MAX)
V
Charge
through BT
charge limiter
2 only
[n=1,2,3]
d_GHSN_SHSN_MOR
GHS_n – SHS_n:
differential voltage
between GHS_n and
SHS_n
0
-
CBS_n-SHS_n
V
[n=1,2,3]
SHSN_MOR
SHS_n: voltage range
-12
-
VDH +12
V
[n=1,2,3]
d_GLSN_SLSN_MOR
GLS_n – SLS_n:
differential voltage
between GLS_n and
SLS_n
0
-
VPRE-SLS_n
V
[n=1,2,3]
d_SLSN_MOR
SLS_n: voltage range
-12
-
2
V
[n=1,2,3]
Current Monitors
ISN_MOR
ISn+ – ISn-: differential
voltage between ISn+
and IS-n
-0.3
-
0.3
V
[n=1,2,3]
ISN_MOR
ISn+/ISn-: common
mode voltage range
-2
-
2
V
[n=1,2,3]
CSON_MOR
CSOn: voltage range
0
-
VDD-0.4
V
[n=1,2,3]
Digital I/O
DO_MOR
SDO, PVM, FS_FLAG:
voltage range
0
-
VIO
V
-
DI_MOR
NCS, SCLK, SDI,
EN_BR, NDIS, INHn,
INLn: voltage range
0
-
VIO
V
[n=1,2,3]
Note:
undershoot spikes at motor`s phase (SHS_n) take place when the high side is switched off and the load current
must flow through the low-side freewheeling diode.
L9908
Maximum Operating Range (MOR)
DS13546 - Rev 3
page 8/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com