Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 78Page - STMicroelectronics L9908 Datasheet HTML 79Page - STMicroelectronics L9908 Datasheet HTML 80Page - STMicroelectronics L9908 Datasheet HTML 81Page - STMicroelectronics L9908 Datasheet HTML 82Page - STMicroelectronics L9908 Datasheet HTML 83Page - STMicroelectronics L9908 Datasheet HTML 84Page - STMicroelectronics L9908 Datasheet HTML 85Page - STMicroelectronics L9908 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 153 page
background image
Figure 58. Free running sampling timing diagram - zero current (offset) + command edge-triggering
5.13.2.2.2
Track and hold
In Track and Hold mode the CMn_READ SPI registers and the CSOn voltage track the A/D output starting from
the SAR Triggering Pulse and hold the n-th conversion specified in the CSM_SAMPLE_CFG register.
As a consequence, this kind of sampling method is useful along with a command edge triggering. It turns out
that if no Command Edge is present (ex. INLn rising/falling) the CMn_READ SPI registers and the CSOn voltage
display the last written value.
All A/D output words [phase 1, 2, 3] are tracked and sampled at the same time, synchronously.
The n-th data conversion after the SAR triggering to be hold can be configured by means of the following bits:
Table 74. Current monitors sampling configuration bits
CSMn_SAMPLE_CFG3
CSMn_SAMPLE_CFG1
CSMn_SAMPLE_CFG0
Description
0
0
0
Free running – No T&H (Default)
0
0
1
T&H 1st data conversion from triggering
0
1
0
T&H 2nd data conversion from triggering
0
1
1
T&H 3rd data conversion from triggering
1
0
0
T&H 4th data conversion from triggering
1
0
1
T&H 5th data conversion from triggering
1
1
0
T&H 6th data conversion from triggering
1
1
1
T&H 7th data conversion from triggering
L9908
Current monitors
DS13546 - Rev 3
page 82/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com