Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 19Page - STMicroelectronics L9908 Datasheet HTML 20Page - STMicroelectronics L9908 Datasheet HTML 21Page - STMicroelectronics L9908 Datasheet HTML 22Page - STMicroelectronics L9908 Datasheet HTML 23Page - STMicroelectronics L9908 Datasheet HTML 24Page - STMicroelectronics L9908 Datasheet HTML 25Page - STMicroelectronics L9908 Datasheet HTML 26Page - STMicroelectronics L9908 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 153 page
background image
5.1.3.1
VDD functional ranges
Figure 9. VDD functional ranges
Where:
1.
0V ≤ VDD ≤ 1V
L9908 is shut-down. Internal supply and reference voltage/currents levels are shutdown.
2.
1V ≤ VDD ≤ VDD_uv_th + VDD_uv_hyst
VDD is in under-voltage and L9908 is sent into RESET mode. Internal supply and reference voltage/currents
levels are degraded. Internal registers are under reset.
3.
VDD_uv_th ≤ VDD ≤ VDD_ov_th
Internal supply and reference voltage/currents are available. Internal registers are out of reset. (if no STD
faults are detected and NDIS=’1’ the device is in NORMAL mode).
4.
VDD_ov_th ≤ VDD
VDD is in over-voltage and L9908 sent into safe state. The internal supply and reference voltage/currents
are available. Internal registers are out of reset.
L9908
Internal supply
DS13546 - Rev 3
page 23/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com