Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 34Page - STMicroelectronics L9908 Datasheet HTML 35Page - STMicroelectronics L9908 Datasheet HTML 36Page - STMicroelectronics L9908 Datasheet HTML 37Page - STMicroelectronics L9908 Datasheet HTML 38Page - STMicroelectronics L9908 Datasheet HTML 39Page - STMicroelectronics L9908 Datasheet HTML 40Page - STMicroelectronics L9908 Datasheet HTML 41Page - STMicroelectronics L9908 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 153 page
background image
5.6.2.3
Reduced operation faults
When a reduced operation fault is detected the related SPI flag is set to ‘1’, the IC ERR bits in SPI FRAME are set
to ‘11’ and the FS_FLAG is asserted low.
Disable logic reacts forcing the failing half bridge only in a disable mode so that VGHS_n-VSHS_n = 0 V and
VGLS_n-VSLSn = 0 V [n → failing HB] (SPI configuration bit HBn_DIS remains set as previously configured).
Safe condition is left when all the following conditions are met in the following sequence:
1.
Reduced Operation fault is removed;
2.
Reduced Operation fault flag is cleared on read (action required by Application SW);
3.
SPI bit HBn_ACK [n = 1,2,3] is set ‘0’ and then set back to ‘1’ (action required by Application SW).
Note:
Since HBn_ACK is a Safety Latent Register (SLR) it is required to access correctly the CONFIG MODE in order
to conclude correctly the recovery flow.
Figure 19. Reduced operation fault - Transient fault timing diagram
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 38/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com