Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 52Page - STMicroelectronics L9908 Datasheet HTML 53Page - STMicroelectronics L9908 Datasheet HTML 54Page - STMicroelectronics L9908 Datasheet HTML 55Page - STMicroelectronics L9908 Datasheet HTML 56Page - STMicroelectronics L9908 Datasheet HTML 57Page - STMicroelectronics L9908 Datasheet HTML 58Page - STMicroelectronics L9908 Datasheet HTML 59Page - STMicroelectronics L9908 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 153 page
background image
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
CP2_iout2
Charge Pump2 Load
Current
CP1_lin_mode_th < VBP ≤ 60 V
CFLY2 = 1 μF
SHS_n = VDH
INHn = 1
-
-
10
mA [n = 1,2,3]
CP2_vout1
Charge Pump2 output
voltage at CBS_n-SHS-n
5.5 V ≤ VBP ≤ CP1_lin_mode_th
CFLY2 = 1 μF
SHS_n = VDH
INHn = 1
8
-
-
V
[n = 1,2,3]
CP2_vout2
Charge Pump2 output
voltage at CBS_n-SHS-n
CP1_lin_mode_th < VBP ≤ 60 V
CFLY2 = 1 μF
SHS_n = VDH
INHn = 1
8
-
-
V
[n = 1,2,3]
CP2_freq
Charge Pump2 Frequency -
-
400
-
kHz
Not subject to
production test
BT_lim2_ilim
BT Charge Limiter2
limitation current
SHS_n = VDH
INHn = 1
-8
-
-1
mA [n = 1,2,3]
BT_lim2_vlim
BT Charge Limiter2
limitation voltage
SHS_n = 0
BT1_DIS = 1
7
10
14
V
[n = 1,2,3]
CBT_boot_time_HB
CBT boot time at high
battery (VBP & VDH >
10V)
SHS_n = 0
CBT = 1 μF
CBS_n 0 V to 7 V
0.25
-
0.5
ms [n=1,2,3]
CBT_boot_time_LB
CBT boot time at low
battery (VBP & VDH <
10V)
SHS_n = 0
CBT = 1 μF
CBS_n 0 V to 7 V
0.5
-
1
ms [n=1,2,3]
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
Bootstrap capacitance and Bootstrap Limiter 1 (BT1)
Bootstrap capacitance has the purpose of delivering the charge required for the external HS FET turn on
translating its voltage level over VDH.
These capacitances are charged from the C_VPRE through BT1n circuitries during the n-th half bridge (1-
D)*Tpwm interval (where Tpwm is the PWM period and D is the half bridge duty cycle).
BT1 develops this function by ensuring at the same time a current limitation to avoid in-rush current when CBS
are depleted and an over-voltage protection during HS turn-on phases and related voltage swing.
If Bootstrap Limiter 1 is disabled the charging path from VPRE is interrupted and bootstrap capacitors must be
charge by other means, e.g. from CP2. Bootstrap Limiter 1 can be disabled by the dedicated SPI bit BT1_DIS
within the register GEN_CFG3 as follows:
Table 52. Bootstrap limiter 1 disable bit
BT1_DIS
Description
0
Bootstrap Limiter 1 Enabled (Default)
1
Bootstrap Limiter 1 Disabled
L9908
Gate driver supply
DS13546 - Rev 3
page 56/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com