Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 51Page - STMicroelectronics L9908 Datasheet HTML 52Page - STMicroelectronics L9908 Datasheet HTML 53Page - STMicroelectronics L9908 Datasheet HTML 54Page - STMicroelectronics L9908 Datasheet HTML 55Page - STMicroelectronics L9908 Datasheet HTML 56Page - STMicroelectronics L9908 Datasheet HTML 57Page - STMicroelectronics L9908 Datasheet HTML 58Page - STMicroelectronics L9908 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 153 page
background image
Figure 29. VPRE operative ranges
5.11.4
Supply distribution stage
The supply distribution stage has the purpose to properly deliver the pre-regulated supply to LS and HS driver.
•
LS drivers are directly supplied by the VPRE voltage itself as it is referenced to GND and already
conditioned to fit the Ext. FET Vgs range for a correct driving. Supply distribution stage is then absent
for LS drivers.
•
HS drivers cannot use directly VPRE voltage as they need this voltage to be translated above VDH for a
correct Ext. FET driving. Supply distribution stage for each HS driver is then composed by the cooperation of
bootstrap circuits and a dedicated Single Stage 2-Phases Dickson charge pump with external capacitance.
Charge Pump 2 (CP2) and Bootstrap Limiter 2 (BT2)
The purpose of CP2 is to guarantee a stable Vgs on HS FET during 100% (full-on) operations and to support the
bootstrap supply in “high” duty cycle PWM mode by recovering the static consumption of the three HS pre-drivers
in ON condition.
To carry out this function CP2 structure generates a VDH+VPRE voltage onto the internal line VCP by means of
a current-limited Single Stage 2-Phases Dickson charge pump with external capacitance (the tank capacitance
function of this stage is developed by the bootstrap capacitance itself).
When VDH < VDH_cp2_bst_mode_th the CP2 will use VPRE as input in both phases, resulting in an output
voltage equal to 2*VPRE.
Charge Pump2 can be Disabled by a dedicated SPI bit CP2_DIS within the register SAFETY_RELEVANT3 as
follows:
Table 50. Charge pump 2 enable bit
CP2_DIS
Description
0
Charge Pump 2 Enabled (Default)
1
Charge Pump 2 Disabled
Table 51. Charge pump 2 electrical characteristics
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
CP2_iout1
Total Charge Pump2 Load
Current
5.5 V ≤ VBP ≤ CP1_lin_mode_th
CFLY2 = 1 μF
SHS_n = VDH
INHn = 1
-
-
10
mA [n = 1,2,3]
L9908
Gate driver supply
DS13546 - Rev 3
page 55/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com